Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M40Z111MH6 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M40Z111MH6
Description  5V OR 3V NVRAM SUPERVISOR FOR UP TO TWO LPSRAMs
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M40Z111MH6 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M40Z111MH6 Datasheet HTML 5Page - STMicroelectronics M40Z111MH6 Datasheet HTML 6Page - STMicroelectronics M40Z111MH6 Datasheet HTML 7Page - STMicroelectronics M40Z111MH6 Datasheet HTML 8Page - STMicroelectronics M40Z111MH6 Datasheet HTML 9Page - STMicroelectronics M40Z111MH6 Datasheet HTML 10Page - STMicroelectronics M40Z111MH6 Datasheet HTML 11Page - STMicroelectronics M40Z111MH6 Datasheet HTML 12Page - STMicroelectronics M40Z111MH6 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 15 page
background image
9/15
M40Z111, M40Z111W
Table 6. Power Down/Up AC Characteristics
Note: 1. Valid for Ambient Operating Temperature: TA = –40 to 85°C; VCC = 4.5 to 5.5V or 2.7 to 3.6V (except where noted).
2. VPFD (max) to VPFD (min) fall time of less than tF may result in deselection/write protection not occurring until 200 µs after VCC
passes VPFD (min).
3. VPFD (min) to VSS fall time of less than tFB may cause corruption of RAM data.
4. tER (min) = 20ms for Industrial Temperature Range - Grade 6 device.
VCC Noise And Negative Going Transients
ICC transients, including those produced by output
switching, can produce voltage fluctuations, re-
sulting inspikes onthe VCC bus. These transients
can be reduced if capacitors are used to store en-
ergy which stabilizes the VCC bus. The energy
stored in the bypass capacitors will be released as
low going spikes are generated or energy will be
absorbed when overshoots occur. A ceramic by-
pass capacitor value of 0.1µF (as shown in Figure
8) is recommended in order to provide the needed
filtering.
In addition to transients that are caused by normal
SRAM operation, power cycling can generate neg-
ative voltage spikes on VCC that drive it to values
below VSS by as much as one volt. These negative
spikes can cause data corruption in the SRAM
while in battery backup mode. To protect from
these voltage spikes, STMicroelectronics recom-
mends connecting a schottky diode from VCC to
VSS (cathode connected to VCC, anode to VSS).
Schottky diode 1N5817 is recommended for
through hole and MBRS120T3 is recommended
for surface mount.
Figure 8. Supply Voltage Protection
Symbol
Parameter(1)
Min
Max
Unit
tF
(2)
VPFD (max) to VPFD (min) VCC Fall Time
300
µs
tFB
(3)
VPFD (min) to VSS VCC Fall Time
10
µs
tR
VPFD (min) to VPFD (max) VCC Rise Time
10
µs
tRB
VSS to VPFD (min) VCC Rise Time
1µs
tEDL
Chip Enable Propagation Delay
M40Z111
15
ns
M40Z111W
20
ns
tEDH
Chip Enable Propagation Delay
M40Z111
10
ns
M40Z111W
20
ns
tER
(4)
Chip Enable Recovery
40
200
ms
tWPT
Write Protect Time
M40Z111
40
150
µs
M40Z111W
40
250
µs
AI00622
VCC
0.1
µF
DEVICE
VCC
VSS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com