Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T8M30T800HC Datasheet(PDF) 1 Page - Inchange Semiconductor Company Limited

Part # T8M30T800HC
Description  isc Thyristors
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

T8M30T800HC Datasheet(HTML) 1 Page - Inchange Semiconductor Company Limited

  T8M30T800HC Datasheet HTML 1Page - Inchange Semiconductor Company Limited T8M30T800HC Datasheet HTML 2Page - Inchange Semiconductor Company Limited T8M30T800HC Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
isc Thyristors
T8M30T800HC
www.iscsemi.com
1
APPLICATIONS
· Three-Quadrant Triggering
· Blocking Voltage To 800V
· Low Level Triggering And Holding Characteristics
· Passivated Die For Reliability And Uniformity
ABSOLUTE MAXIMUM RATINGS(Ta=25℃)
THERMAL CHARACTERISTICS
SYMBOL
PARAMETER
MAX
UNIT
Rth j-c
Thermal Resistance,Junction to Case
17
℃
/W
SYMBOL
PARAMETER
MIN
UNIT
VDRM
Repetitive Peak Off-state Voltage
700
V
VRRM
Repetitive Peak Reverse Voltage
800
V
IT(AV)
On-state Current
(180° Conduction Angle)
Tc= 75℃
A
IT(RMS)
On-stage RMS current ( Full cycles sine wave, 60 Hz, TC = 95°C )
8
A
ITSM
Peak non-repetitive surge current ( one full cycle 60 HZ, TJ = 25°C)
80
A
PGM
Peak gate power
5
W
I2t
Circuit fusing consideration ( t= 8.3ms)
26
A2s
TJ
Operating Junction Temperature
-40 ~+150
℃
Tstg
Storage Temperature
-40 ~+150
℃
Vdis
Dielectric strength from terminals to case,
AC with t=1 minute, RH<30%
2500
V


Similar Part No. - T8M30T800HC

ManufacturerPart #DatasheetDescription
logo
DIYI Electronic Technol...
T8M35T-600 DYELEC-T8M35T-600 Datasheet
2Mb / 6P
8A TRIACS
More results

Similar Description - T8M30T800HC

ManufacturerPart #DatasheetDescription
logo
Inchange Semiconductor ...
TIC126D ISC-TIC126D Datasheet
99Kb / 1P
isc Thyristors
2P4M-D ISC-2P4M-D Datasheet
265Kb / 2P
isc Thyristors
BTA208S-600D ISC-BTA208S-600D Datasheet
222Kb / 1P
isc Thyristors
2N6348 ISC-2N6348 Datasheet
202Kb / 2P
isc Thyristors
MCR310-10G ISC-MCR310-10G Datasheet
171Kb / 1P
isc Thyristors
T1610-800G-TR ISC-T1610-800G-TR Datasheet
172Kb / 1P
isc Thyristors
BCR8PM-12LG ISC-BCR8PM-12LG Datasheet
172Kb / 1P
isc Thyristors
BCR12PM-12LG ISC-BCR12PM-12LG Datasheet
171Kb / 1P
isc Thyristors
BT150SK-600R ISC-BT150SK-600R_V01 Datasheet
297Kb / 2P
isc Thyristors
16TTS12 ISC-16TTS12 Datasheet
222Kb / 2P
isc Thyristors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com