Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAX13202E Datasheet(PDF) 2 Page - Maxim Integrated Products

Part # MAX13202E
Description  2-/4-/6-/8-Channel, ±30kV ESD Protectors in μDFN
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MAXIM [Maxim Integrated Products]
Direct Link  https://www.maximintegrated.com/en.html
Logo MAXIM - Maxim Integrated Products

MAX13202E Datasheet(HTML) 2 Page - Maxim Integrated Products

  MAX13202E Datasheet HTML 1Page - Maxim Integrated Products MAX13202E Datasheet HTML 2Page - Maxim Integrated Products MAX13202E Datasheet HTML 3Page - Maxim Integrated Products MAX13202E Datasheet HTML 4Page - Maxim Integrated Products MAX13202E Datasheet HTML 5Page - Maxim Integrated Products MAX13202E Datasheet HTML 6Page - Maxim Integrated Products MAX13202E Datasheet HTML 7Page - Maxim Integrated Products MAX13202E Datasheet HTML 8Page - Maxim Integrated Products MAX13202E Datasheet HTML 9Page - Maxim Integrated Products  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2-/4-/6-/8-Channel, ±30kV ESD Protectors in µDFN
2
_______________________________________________________________________________________
ABSOLUTE MAXIMUM RATINGS
ELECTRICAL CHARACTERISTICS
(VCC = +5V ±5%, TA = TMIN to TMAX, unless otherwise noted. Typical values are at VCC = +5V and TA = +25°C.) (Note 1)
Stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These are stress ratings only, and functional
operation of the device at these or any other conditions beyond those indicated in the operational sections of the specifications is not implied. Exposure to
absolute maximum rating conditions for extended periods may affect device reliability.
Note 1: Limits over temperature are guaranteed by design, not production tested.
Note 2: Idealized clamp voltages (L1 = L2 = L3 = 0) (Figure 1); see the Applications Information section for more information.
Note 3: Guaranteed by design. Not production tested.
VCC to GND ............................................................-0.3V to +18V
I/O_ to GND ................................................-0.3V to (VCC + 0.3V)
Continuous Power Dissipation (TA = +70°C)
6-Pin, 1mm x 1.5mm µDFN (derate 2.1mW/°C
above +70°C)................................................................168mW
6-Pin, 2mm x 2mm µDFN (derate 4.5mW/°C
above +70°C)................................................................358mW
8-Pin, 2mm x 2mm µDFN (derate 4.8mW/°C
above +70°C)................................................................381mW
10-Pin, 2mm x 2mm µDFN (derate 5.0mW/°C
above +70°C)................................................................403mW
Operating Temperature Range .........................-40°C to +125°C
Storage Temperature Range .............................-65°C to +150°C
Junction Temperature .....................................................+150°C
Lead Temperature (soldering, 10s) .................................+300°C
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
Supply Voltage
VCC
0.9
16.0
V
Supply Current
ICC
1
100
nA
Diode Forward Voltage
VF
IF = 10mA
0.65
0.95
V
Positive transients
VCC + 25
TA = +25°C, ±15kV,
Human Body Model,
IF = 10A
Negative transients
-25
Positive transients
VCC + 80
TA = +25°C, ±14kV,
Contact Discharge
(IEC 61000-4-2), IF = 42A
Negative transients
-80
Positive transients
VCC + 120
Channel Clamp Voltage
(Note 2)
VC
TA = +25°C, ±30kV,
Air-Gap Discharge
(IEC 61000-4-2), IF = 90A
Negative transients
-120
V
TA = -40°C to +50°C
-1
+1
nA
Channel Leakage Current
(Note 3)
TA = -40°C to +125°C
-1
+1
µA
Channel Input Capacitance
VCC = 5V, bias of VCC/2, f = 1MHz (Note 3)
6
7
pF
ESD PROTECTION
Human Body Model
±15
kV
MAX13204E/MAX13206E/MAX13208E
±14
IEC 61000-4-2
Contact Discharge
MAX13202E
±12
kV
IEC 61000-4-2
Air-Gap Discharge
±30
kV



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com