Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRGP4066D Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # IRGP4066D
Description  IGBT
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

IRGP4066D Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  IRGP4066D Datasheet HTML 1Page - Inchange Semiconductor Company Limited IRGP4066D Datasheet HTML 2Page - Inchange Semiconductor Company Limited IRGP4066D Datasheet HTML 3Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ISG2302
eq
IRGP4066D
IGBT
www.iscsemi.com
2
ELECTRICAL CHARACTERISTICS (TC=25℃)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYPE
MAX
UNIT
VCES
Collector-Emitter Breakdown Voltage VGE= 0V, IC= 100uA
600
--
--
V
VGE(th)
Gate-Emitter Threshold Voltage
VCE= VGE , IC= 2.1mA
4.0
--
6.5
V
VCE(sat)
Collector-Emitter Saturation Voltage
IC= 75A, VCE= 15V
--
--
2.1
V
ICES
Zero Gate Voltage Collector Current
VCE= 600V, VGE= 0V
--
--
100
uA
IGES
Gate-Emitter Leakage Current
VGE=±20V, VCE= 0V
--
--
±
200
nA
VFM
Diode Forward Voltage Drop
IF= 75A
--
--
3.0
V
PACKAGE OUTLINE (UNIT: mm):



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com