Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TMS320VC549 Datasheet(PDF) 3 Page - Texas Instruments

Part # TMS320VC549
Description  FIXED-POINT DIGITAL SIGNAL PROCESSOR
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMS320VC549 Datasheet(HTML) 3 Page - Texas Instruments

  TMS320VC549_07 Datasheet HTML 1Page - Texas Instruments TMS320VC549_07 Datasheet HTML 2Page - Texas Instruments TMS320VC549_07 Datasheet HTML 3Page - Texas Instruments TMS320VC549_07 Datasheet HTML 4Page - Texas Instruments TMS320VC549_07 Datasheet HTML 5Page - Texas Instruments TMS320VC549_07 Datasheet HTML 6Page - Texas Instruments TMS320VC549_07 Datasheet HTML 7Page - Texas Instruments TMS320VC549_07 Datasheet HTML 8Page - Texas Instruments TMS320VC549_07 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 64 page
background image
TMS320VC549
FIXEDPOINT DIGITAL SIGNAL PROCESSOR
SPRS078G − SEPTEMBER 1998 − REVISED OCTOBER 2004
3
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
description
The TMS320VC549 fixed-point, digital signal processor (DSP) (hereafter referred to as the 549) is based on
an advanced modified Harvard architecture that has one program memory bus and three data memory buses.
The processor also provides an arithmetic logic unit (ALU) that has a high degree of parallelism,
application-specific hardware logic, on-chip memory, and additional on-chip peripherals. The 549 also utilizes
a highly specialized instruction set, which is the basis of its operational flexibility and speed.
Separate program and data spaces allow simultaneous access to program instructions and data, providing the
high degree of parallelism. Two reads and one write operation can be performed in a single cycle. Instructions
with parallel store and application-specific instructions can fully utilize this architecture. In addition, data can be
transferred between data and program spaces. Such parallelism supports a powerful set of arithmetic, logic,
and bit-manipulation operations that can all be performed in a single machine cycle. In addition, the 549 includes
the control mechanisms to manage interrupts, repeated operations, and function calls.
This data sheet contains the pin layouts, signal descriptions, and electrical specifications for the TMS320VC549
DSP. For additional information, see the TMS320C54x, TMS320LC54x, TMS320VC54x Fixed-Point Digital
Signal Processors data sheet (literature number SPRS039). The SPRS039 is considered a family functional
overview and should be used in conjunction with this data sheet.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com