Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VUB72-16NO1 Datasheet(PDF) 2 Page - Inchange Semiconductor Company Limited

Part # VUB72-16NO1
Description  Three Phase Rectifier Bridge with Brake Chopper
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ISC [Inchange Semiconductor Company Limited]
Direct Link  http://www.iscsemi.cn
Logo ISC - Inchange Semiconductor Company Limited

VUB72-16NO1 Datasheet(HTML) 2 Page - Inchange Semiconductor Company Limited

  VUB72-16NO1 Datasheet HTML 1Page - Inchange Semiconductor Company Limited VUB72-16NO1 Datasheet HTML 2Page - Inchange Semiconductor Company Limited VUB72-16NO1 Datasheet HTML 3Page - Inchange Semiconductor Company Limited VUB72-16NO1 Datasheet HTML 4Page - Inchange Semiconductor Company Limited VUB72-16NO1 Datasheet HTML 5Page - Inchange Semiconductor Company Limited  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
ISUM6128
eq VUB72-16NO1
Three Phase Rectifier Bridge
with Brake Chopper
www.iscsemi.com
2
Chopper Transistor
VCES
Collector-Emitter Voltage, TJ =25℃ to 150℃
1200
V
VGES
Gate-Emitter Voltage
±20
V
IC
Collector Current-Continuous
DC, TC= 25℃
50
A
DC, TC= 80℃
35
A
ICM
Repetitive peak collector current V
GE
= ±20V, RG= 39Ω, TJ =
125℃
50
A
Temperature Sensor NTC
R25
TC= 25℃, R(T) = R25·e [B25/100(1/T - 1/(298K))]
2.2
kΩ
B25/100
3560
K
Module
IRMS
Max. RMS forward current
100
A
TJ
Junction Temperature
-40~150
℃
Tstg
Storage Temperature
-40~125
℃
VISOL
Insulation Voltage, IISOL≤ 1mA, 50/60Hz, t= 1min
3600
V~
Md
Mounting Torque (M5)
2-2.5
Nm
ELECTRICAL CHARACTERISTICS
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
Input Rectifier D1-D6
VF
Diode Forward Voltage
IF= 25A; TJ = 25℃
--
--
1.1
V
IF= 25A; TJ = 125℃
--
0.9
--
IR
Reverse current
VR= VRRM; TVJ = 25℃
--
--
0.02
mA
VR= 0.8·VRRM; TJ = 125℃
--
0.4
--



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com