Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS0801ARS-F Datasheet(PDF) 50 Page - Powertip Technology

Part # PS0801ARS-F
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PS0801ARS-F Datasheet(HTML) 50 Page - Powertip Technology

Back Button PS0801ARS-F Datasheet HTML 46Page - Powertip Technology PS0801ARS-F Datasheet HTML 47Page - Powertip Technology PS0801ARS-F Datasheet HTML 48Page - Powertip Technology PS0801ARS-F Datasheet HTML 49Page - Powertip Technology PS0801ARS-F Datasheet HTML 50Page - Powertip Technology PS0801ARS-F Datasheet HTML 51Page - Powertip Technology PS0801ARS-F Datasheet HTML 52Page - Powertip Technology PS0801ARS-F Datasheet HTML 53Page - Powertip Technology PS0801ARS-F Datasheet HTML 54Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 65 page
background image
ST7066U
V2.0
2001/03/01
27/42
!"
Interfacing to the MPU
The ST7066U can send data in either two 4-bit operations or one 8-bit operation, thus allowing interfacing with 4-
or 8-bit MPU.
#" For 4-bit interface data, only four bus lines (DB4 to DB7) are used for transfer. Bus lines DB0 to DB3
are disabled. The data transfer between the ST7066U and the MPU is completed after the 4-bit data has
been transferred twice. As for the order of data transfer, the four high order bits (for 8-bit operation, DB4 to
DB7) are transferred before the four low order bits (for 8-bit operation, DB0 to DB3). The busy flag must be
checked (one instruction) after the 4-bit data has been transferred twice. Two more 4-bit operations then
transfer the busy flag and address counter data.
$" Example of busy flag check timing sequence
$" Intel 8051 interface
P1.0 to P1.3
P3.0
P3.1
P3.2
RS
R/W
E
DB4 to DB7
COM1 to COM16
SEG1 to SEG40
40
16
Intel 8051 Serial
ST7066U
4
Functioning
DB7
Internal
operation
E
R/W
RS
Busy flag check
Busy flag check
Instruction write
Instruction write
IR7
IR3
AC3
Not
Busy
AC3
IR3
IR7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com