Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA42-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # MMBTA42-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBTA42-HF Datasheet(HTML) 2 Page - Comchip Technology

  MMBTA42-HF Datasheet HTML 1Page - Comchip Technology MMBTA42-HF Datasheet HTML 2Page - Comchip Technology MMBTA42-HF Datasheet HTML 3Page - Comchip Technology MMBTA42-HF Datasheet HTML 4Page - Comchip Technology MMBTA42-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
General Purpose Transistor
Electrical Characteristics (at TA=25°C unless otherwise noted)
Parameter
Symbol
Unit
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector-base cut-off current
Emitter-base cut-off current
Collector-emitter saturation voltage
Base-emitter saturation voltage
Transition frequency
Conditions
VCBO
VCEO
VEBO
ICBO
IEBO
hFE(2)
VCE(sat)
VBE(sat)
fT
IC = 100μA, IE = 0
IC = 1mA, IB = 0
IE = 100µA, IC = 0
VCB = 200V, IE = 0
VEB = 5V, IC = 0
VCE = 10V, IC = 10mA
IC = 20mA, IB = 2mA
IC = 20mA, IB = 2mA
VCE = 20V, IC = 10mA, f = 30MHz
300
300
5
40
50
0.5
0.5
300
0.5
1.0
Min
Max
V
V
V
µA
V
V
MHz
DC current gain
hFE(1)
VCE = 10V, IC = 1mA
25
hFE(3)
VCE = 10V, IC = 30mA
40
µA
Typ
Rating and Characteristic Curves (MMBTA42-HF)
Fig.1 - Static Characteristic
Collector-Emitter Voltage, VCE (V)
0
0
10
20
4
12
Collector Current, Ic (mA)
Fig.2 - DC Current Gain
10
1000
100
0.1
1
10
100
8
IB=0.01mA
0.02mA
0.03mA
0.04mA
0.05mA
0.06mA
0.07mA
0.08mA
0.09mA
0.1mA
Ta=25°C
2
10
6
5
15
Ta=125°C
Ta=100°C
Ta=25°C
Ta=-25°C
VCE= 10V
Comchip Technology CO., LTD.
REV:C
Page 2
QW-JTR83



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com