Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA56-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # MMBTA56-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBTA56-HF Datasheet(HTML) 2 Page - Comchip Technology

  MMBTA56-HF Datasheet HTML 1Page - Comchip Technology MMBTA56-HF Datasheet HTML 2Page - Comchip Technology MMBTA56-HF Datasheet HTML 3Page - Comchip Technology MMBTA56-HF Datasheet HTML 4Page - Comchip Technology MMBTA56-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Rating and Characteristic Curves (MMBTA56-HF)
General Purpose Transistor
Electrical Characteristics (at TA=25°C unless otherwise noted)
Parameter
Symbol
Unit
Conditions
Min
Max
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector-base cut-off current
VCEO
VEBO
ICBO
IC = -1mA, IB = 0
IE = -100µA, IC = 0
VCB = -80V, IE = 0
-80
-4
-0.1
V
V
Collector-emitter cut-off current
Collector-emitter saturation voltage
Base-emitter saturation voltage
Transition frequency
hFE(1)
VCE(sat)
VBE(sat)
fT
VCE = -1V, IC = -10mA
IC = -100mA, IB = -10mA
VCE = -1V, IC = -100mA, f = 100MHz
100
50
400
-0.25
-1.20
V
V
MHz
DC current gain
VCE = -60V, IB = 0V
-0.1
hFE(2)
VCE = -1V, IC = -100mA
100
ICES
µA
IC = -100mA, IB = -10mA
QW-JTR88
Page 2
REV:B
Comchip Technology CO., LTD.
Company reserves the right to improve product design , functions and reliability without notice.
µA
Fig.1 - Static Characteristic
Collector-Emitter Voltage, VCE (V)
0
-1
-2
-50
0
-100
IB=-0.05mA
-0.1mA
-0.15mA
-0.2mA
-0.25mA
-0.3mA
-0.35mA
-0.4mA
-0.45mA
-0.5mA
Ta=25°C
Collector Current, Ic (mA)
Fig.3 - Collector-Emitter Saturation Voltage
-0.1
-1
-10
-100
-500
-1
-0.1
-0.01
IC:IB=10:1
Ta=25°C
Ta=-25°C
Ta=100°C
Ta=125°C
Collector Current, Ic (mA)
Fig.2 - DC Current Gain
-0.1
-1
-10
-100
-500
10
100
1000
VCE=-1V
Ta=25°C
Ta=-25°C
Ta=100°C
Ta=125°C
Fig.4 - Base-Emitter Saturation Voltage
Collector Current, IC (mA)
-1
-0.1
-0.1
-1
-10
-100
-500
Ta=25°C
Ta=-25°C
Ta=100°C
Ta=125°C
IC:IB=10:1



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com