Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBTA92-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # MMBTA92-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMBTA92-HF Datasheet(HTML) 2 Page - Comchip Technology

  MMBTA92-HF Datasheet HTML 1Page - Comchip Technology MMBTA92-HF Datasheet HTML 2Page - Comchip Technology MMBTA92-HF Datasheet HTML 3Page - Comchip Technology MMBTA92-HF Datasheet HTML 4Page - Comchip Technology MMBTA92-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
General Purpose Transistor
Electrical Characteristics (at TA=25°C unless otherwise noted)
Parameter
Symbol
Unit
Collector-base breakdown voltage
Collector-emitter breakdown voltage
Emitter-base breakdown voltage
Collector-base cut-off current
Emitter-base cut-off current
Collector-emitter saturation voltage
Base-emitter saturation voltage
Transition frequency
Conditions
VCBO
VCEO
VEBO
ICBO
IEBO
hFE(2)
VCE(sat)
VBE(sat)
fT
IC = -100μA, IE = 0
IC = -1mA, IB = 0
IE = -100µA, IC = 0
VCB = -200V, IE = 0
VEB = -5V, IC = 0
VCE = -10V, IC = -10mA
IC = -20mA, IB = -2mA
IC = -20mA, IB = -2mA
VCE = -20V, IC = -10mA, f = 30MHz
-300
-300
-5
100
50
-250
-100
200
-0.2
-0.9
Min
Max
V
V
V
nA
V
V
MHz
DC current gain
hFE(1)
VCE = -10V, IC = -1mA
60
hFE(3)
VCE = -10V, IC = -30mA
60
nA
Rating and Characteristic Curves (MMBTA92-HF)
Fig.1 - Static Characteristic
Collector-Emitter Voltage, VCE (V)
IB=-0.01mA
-0.02mA
Ta=25°C
-0.03mA
-0.04mA
-0.05mA
-0.06mA
-0.07mA
-0.08mA
-0.09mA
-0.1mA
0
0
-5
-10
-15
-5
-10
-12
Collector Current, Ic (mA)
Fig.2 - DC Current Gain
10
1000
-100
-0.1
-1
-10
100
VCE=-10V
Ta=125°C
Ta=100°C
Ta=25°C
Ta=-25°C
Comchip Technology CO., LTD.
REV:C
Page 2
QW-JTR84



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com