Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMST3904-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # MMST3904-HF
Description  General Purpose Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

MMST3904-HF Datasheet(HTML) 2 Page - Comchip Technology

  MMST3904-HF Datasheet HTML 1Page - Comchip Technology MMST3904-HF Datasheet HTML 2Page - Comchip Technology MMST3904-HF Datasheet HTML 3Page - Comchip Technology MMST3904-HF Datasheet HTML 4Page - Comchip Technology MMST3904-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
General Purpose Transistor
Electrical Characteristics (at TA=25°C unless otherwise noted)
Collector-Base breakdown voltage
Collector-Emitter breakdown voltage
Emitter-Base breakdown voltage
Collector cut-off current
Collector cut-off current
Collector cut-off current
DC current gain
Base-Emitter saturation voltage
Collector-Emitter saturation voltage
Transition frequency
Delay time
Storage time
Rise time
Fall time
Output capacitance
Parameter
IC =10μA, IE=0
IC =1mA, IB=0
IE =10μA, IC=0
VCB=60V, IE=0
VCE=40V, IB=0
VCE=30V, VBE(off)=3V
VCE=1V, IC=100µA
VCE=1V, IC=1mA
IC=10mA, IB=1mA
IC=10mA, IB=1mA
VCE=20V, IC=10mA, f=100MHz
VCC=3V, VBE(off)=0.5V,
IC=10mA, IB1=1mA
VCC=3V, IC=10mA,
IB1=IB2=1mA
VCE=1V, IC=10mA
VCE=1V, IC=50mA
IC=50mA, IB=5mA
IC=50mA, IB=5mA
VCB=5V, IE=0, f=1MHz
Conditions
Symbol
V(BR)CBO*
V(BR)CEO*
V(BR)EBO*
hFE*
VCE(sat)*
VBE(sat)*
ICBO*
ICEO*
ICEX
fT
td
tr
ts
tf
Cob
Min
300
40
60
5
40
70
60
Max
60
50
300
0.25
0.85
225
0.95
500
35
35
75
0.3
4
Unit
V
V
V
nA
nA
nA
V
V
MHZ
nS
nS
nS
nS
V
V
pF
100
*Pulse test: pulse width ≤300µs, duty cycle≤2.0%
Input capacitance
VEB=0.5V, IC=0, f=1MHz
Cib
8
pF
Comchip Technology CO., LTD.
Page 2
QW-JTR25
REV:C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com