Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TK3906LED03-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # TK3906LED03-HF
Description  General Purpose Transistor
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

TK3906LED03-HF Datasheet(HTML) 2 Page - Comchip Technology

  TK3906LED03-HF Datasheet HTML 1Page - Comchip Technology TK3906LED03-HF Datasheet HTML 2Page - Comchip Technology TK3906LED03-HF Datasheet HTML 3Page - Comchip Technology TK3906LED03-HF Datasheet HTML 4Page - Comchip Technology TK3906LED03-HF Datasheet HTML 5Page - Comchip Technology TK3906LED03-HF Datasheet HTML 6Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Unit
V
V
nS
Max.
-0.85
225
75
35
35
Min.
-40
Symbol
tS
fT
td
tr
tf
Electrical Characteristics (at TA=25°C unless otherwise noted)
IC = -10mA , IB1 = -1mA
Conditions
VCC = -3V
BE(OFF)
= -0.5V
, V
VCC = -3V, IC = -10mA,
IB1 = IB2 = -1mA
Characteristics
Fall Time
Storage Time
Delay Time
Rise Time
IC = -1mA , IB = 0
V(BR)CEO
Collector-Emitter breakdown voltage
V
nA
-50
V
IC = -10μA, IE = 0
V(BR)CBO
-40
Collector-Base breakdown voltage
IE = -10μA, IC = 0
V(BR)EBO
-5
Emitter-Base breakdown voltage
VCE = -30V V
= -3V
,
BE(off)
ICEX
Collector cut-off current
VCE(sat)1
-0.25
V
IC = -10mA IB = -1mA
,
IC = -10mA IB = -1mA
,
VBE(sat)1
DC current gain
VEB = -5V IC = 0
,
VCE = -1V IC = -0.1mA
,
hFE(1)
-100
60
Collector-Emitter saturation voltage
Base-Emitter saturation voltage
nS
nS
nS
250
MHZ
VEB = -0.5V , IE = 0, f = 1MHz
Base input capacitance
General Purpose Transistor
Emitter cut-off current
nA
IEBO
Page 2
Comchip Technology CO., LTD.
REV:A
QW-JTR28
Company reserves the right to improve product design , functions and reliability without notice.
Typ.
VCE = -1V IC = -1mA
,
hFE(2)
80
VCE = -1V IC = -10mA
,
hFE(3)
100
300
VCE = -1V IC = -50mA
,
hFE(4)
60
VCE = -1V IC = -100mA
,
hFE(5)
30
VCE(sat)2
-0.40
V
IC = -50mA IB = -5mA
,
V
-0.95
IC = -50mA IB = -5mA
,
VBE(sat)2
VCE = -20V, IC = -10mA, f = 100MHz
Transition frequency
pF
4.5
VCB = -5V, IE = 0, f = 1MHz
Cob
Collector output capacitance
Cib
10
Noise figure
NF
4
pF
VCE = -5V , IE = -0.1mA, f = 1kHz
RG = 1kΩ
dB
-0.65



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com