Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SN74LVC2G80YZPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC2G80YZPR
Description  DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC2G80YZPR Datasheet(HTML) 1 Page - Texas Instruments

  SN74LVC2G80YZPR Datasheet HTML 1Page - Texas Instruments SN74LVC2G80YZPR Datasheet HTML 2Page - Texas Instruments SN74LVC2G80YZPR Datasheet HTML 3Page - Texas Instruments SN74LVC2G80YZPR Datasheet HTML 4Page - Texas Instruments SN74LVC2G80YZPR Datasheet HTML 5Page - Texas Instruments SN74LVC2G80YZPR Datasheet HTML 6Page - Texas Instruments SN74LVC2G80YZPR Datasheet HTML 7Page - Texas Instruments SN74LVC2G80YZPR Datasheet HTML 8Page - Texas Instruments SN74LVC2G80YZPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
www.ti.com
FEATURES
Seemechanicaldrawingsfordimensions.
DCTPACKAGE
(TOP VIEW)
DCUPACKAGE
(TOP VIEW)
YZP PACKAGE
(BOTTOMVIEW)
1
V
CC
8
1CLK
2
7
1D
1Q
3
6
2Q
2D
4
5
GND
2CLK
3
6
2D
2Q
8
1
V
CC
1CLK
5
GND
4
2CLK
2
7
1Q
1D
GND
5
4
2CLK
3 6
2D
2Q
2 7
1Q
1D
8
V
CC
1
1CLK
DESCRIPTION/ORDERING INFORMATION
SN74LVC2G80
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SCES309E – DECEMBER 2001 – REVISED FEBRUARY 2007
• Available in the Texas Instruments
>2 V at V
CC = 3.3 V, TA = 25°C
NanoFree™ Package
• I
off Feature Supports Partial-Power-Down
• Supports 5-V V
CC Operation
Mode Operation
• Inputs Accept Voltages to 5.5 V
• Latch-Up Performance Exceeds 100 mA
Per JESD 78, Class II
• Max t
pd of 4.2 ns at 3.3 V
• ESD Protection Exceeds JESD 22
• Low Power Consumption, 10-µA Max I
CC
–
2000-V Human-Body Model (A114-A)
• Typical V
OLP (Output Ground Bounce)
<0.8 V at V
CC = 3.3 V, TA = 25°C
–
200-V Machine Model (A115-A)
• Typical V
OHV (Output VOH Undershoot)
–
1000-V Charged-Device Model (C101)
This dual positive-edge-triggered D-type flip-flop is designed for 1.65-V to 5.5-V VCC operation.
When data at the data (D) input meets the setup time requirement, the data is transferred to the Q output on the
positive-going edge of the clock pulse. Clock triggering occurs at a voltage level and is not directly related to the
rise time of the clock pulse. Following the hold-time interval, data at the D input can be changed without
affecting the levels at the outputs.
NanoFree™ package technology is a major breakthrough in IC packaging concepts, using the die as the
package.
This device is fully specified for partial-power-down applications using Ioff. The Ioff circuitry disables the outputs,
preventing damaging current backflow through the device when it is powered down.
ORDERING INFORMATION
TA
PACKAGE(1)
ORDERABLE PART NUMBER
TOP-SIDE MARKING(2)
NanoFree™ – WCSP (DSBGA)
Reel of 3000
SN74LVC2G80YZPR
_ _ _CX_
0.23-mm Large Bump – YZP (Pb-free)
–40°C to 85°C
SSOP – DCT
Reel of 3000
SN74LVC2G80DCTR
C80_ _ _
VSSOP – DCU
Reel of 3000
SN74LVC2G80DCUR
C80_
(1)
Package drawings, standard packing quantities, thermal data, symbolization, and PCB design guidelines are available at
www.ti.com/sc/package.
(2)
DCT: The actual top-side marking has three additional characters that designate the year, month, and assembly/test site.
DCU: The actual top-side marking has one additional character that designates the assembly/test site.
YZP: The actual top-side marking has three preceding characters to denote year, month, and sequence code, and one following
character to designate the assembly/test site. Pin 1 identifier indicates solder-bump composition (1 = SnPb,
• = Pb-free).
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2007, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - SN74LVC2G80YZPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC2G80YZPR TI-SN74LVC2G80YZPR Datasheet
279Kb / 13P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80YZPR TI1-SN74LVC2G80YZPR Datasheet
888Kb / 18P
Dual Positive-Edge-Triggered D-Type Flip-Flop
SN74LVC2G80YZPR TI2-SN74LVC2G80YZPR Datasheet
691Kb / 22P
Dual Positive-Edge-Triggered D-Type Flip-Flop
REVISED DECEMBER 2013
SN74LVC2G80YZPR.B TI2-SN74LVC2G80YZPR.B Datasheet
691Kb / 22P
Dual Positive-Edge-Triggered D-Type Flip-Flop
REVISED DECEMBER 2013
More results

Similar Description - SN74LVC2G80YZPR

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74LVC2G80 TI-SN74LVC2G80 Datasheet
279Kb / 13P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI-SN74AUC2G80 Datasheet
250Kb / 11P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Fairchild Semiconductor
74AC74 FAIRCHILD-74AC74_05 Datasheet
111Kb / 10P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Renesas Technology Corp
HD74AC74 RENESAS-HD74AC74 Datasheet
121Kb / 8P
Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LV74A-Q1 TI1-SN74LV74A-Q1_15 Datasheet
847Kb / 15P
DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
logo
Motorola, Inc
MC5474F74 MOTOROLA-MC5474F74 Datasheet
67Kb / 3P
DUAL D-TYPE POSITIVE EDGE-TRIGGERED FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com