Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LP3875EMP-3.3 Datasheet(PDF) 13 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP3875EMP-3.3
Description  1.5A Fast Ultra Low Dropout Linear Regulators
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP3875EMP-3.3 Datasheet(HTML) 13 Page - National Semiconductor (TI)

Back Button LP3875EMP-3.3 Datasheet HTML 9Page - National Semiconductor (TI) LP3875EMP-3.3 Datasheet HTML 10Page - National Semiconductor (TI) LP3875EMP-3.3 Datasheet HTML 11Page - National Semiconductor (TI) LP3875EMP-3.3 Datasheet HTML 12Page - National Semiconductor (TI) LP3875EMP-3.3 Datasheet HTML 13Page - National Semiconductor (TI) LP3875EMP-3.3 Datasheet HTML 14Page - National Semiconductor (TI) LP3875EMP-3.3 Datasheet HTML 15Page - National Semiconductor (TI) LP3875EMP-3.3 Datasheet HTML 16Page - National Semiconductor (TI) LP3875EMP-3.3 Datasheet HTML 17Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
Application Hints (Continued)
SENSE PIN
In applications where the regulator output is not very close to
the load, LP3875 can provide better remote load regulation
using the SENSE pin. Figure 2 depicts the advantage of the
SENSE option. LP3872 regulates the voltage at the output
pin. Hence, the voltage at the remote load will be the regu-
lator output voltage minus the drop across the trace resis-
tance. For example, in the case of a 3.3V output, if the trace
resistance is 100m
Ω, the voltage at the remote load will be
3.15V with 1.5A of load current, I
LOAD. The LP3875 regulates
the voltage at the sense pin. Connecting the sense pin to the
remote load will provide regulation at the remote load, as
shown in Figure 2. If the sense option pin is not required, the
sense pin must be connected to the V
OUT pin.
SHUTDOWN OPERATION
A CMOS Logic level signal at the shutdown ( SD) pin will
turn-off the regulator. Pin SD must be actively terminated
through a 10k
Ω pull-up resistor for a proper operation. If this
pin is driven from a source that actively pulls high and low
(such as a CMOS rail to rail comparator), the pull-up resistor
is not required. This pin must be tied to Vin if not used.
20063307
FIGURE 1. Error Flag Operation
20063308
FIGURE 2. Improving remote load regulation using LP3875
www.national.com
13



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com