Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T212Y Datasheet(PDF) 16 Page - STMicroelectronics

Part # M48T212Y
Description  5V/3.3V TIMEKEEPER CONTROLLER Supervisor
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T212Y Datasheet(HTML) 16 Page - STMicroelectronics

Back Button M48T212Y Datasheet HTML 12Page - STMicroelectronics M48T212Y Datasheet HTML 13Page - STMicroelectronics M48T212Y Datasheet HTML 14Page - STMicroelectronics M48T212Y Datasheet HTML 15Page - STMicroelectronics M48T212Y Datasheet HTML 16Page - STMicroelectronics M48T212Y Datasheet HTML 17Page - STMicroelectronics M48T212Y Datasheet HTML 18Page - STMicroelectronics M48T212Y Datasheet HTML 19Page - STMicroelectronics M48T212Y Datasheet HTML 20Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
M48T212Y, M48T212V
16/32
Setting the Alarm Clock
Address locations 6h-2h contain the alarm set-
tings. The alarm can be configured to go off at a
prescribed time on a specific month, date, hour,
minute, or second or repeat every year, month,
day, hour, minute, or second. It can also be pro-
grammed to go off while the M48T212Y/V is in the
battery back-up to serve as a system wake-up call.
Bits RPT5-RPT1 put the alarm in the repeat mode
of operation. Table 8 shows the possible configu-
rations. Codes not listed in the table default to the
once per second mode to quickly alert the user of
an incorrect alarm setting.
Note: User must transition address (or toggle chip
enable) to see Flag Bit change.
When the clock information matches the alarm
clock settings based on the match criteria defined
by RPT5-RPT1, the AF (Alarm Flag) is set.
If AFE (Alarm Flag Enable) is also set, the alarm
condition activates the IRQ/FT pin. To disable
alarm, write '0' to the Alarm Date registers and
RPT1-5. The IRQ/FT output is cleared by a READ
to the Flags Register as shown in Figure 8. A sub-
sequent READ of the Flags Register is necessary
to see that the value of the Alarm Flag has been
reset to '0.'
The IRQ/FT pin can also be activated in the bat-
tery back-up mode. The IRQ/FT will go low if an
alarm occurs and both ABE (Alarm in Battery
Back-up Mode Enable) and AFE are set. The ABE
and AFE Bits are reset during power-up, therefore
an alarm generated during power-up will only set
AF. The user can read the Flag Register at system
boot-up to determine if an alarm was generated
while the M48T212Y/V was in the deselect mode
during power-up. Figure 9., page 17 illustrates the
back-up mode alarm timing.
Figure 8. Alarm Interrupt Reset Waveforms
Table 8. Alarm Repeat Modes
RPT5
RPT4
RPT3
RPT2
RPT1
Alarm Setting
1111
1
Once per Second
1111
0
Once per Minute
1110
0
Once per Hour
1100
0
Once per Day
1000
0
Once per Month
0000
0
Once per Year
AI03021
A0-A3
ACTIVE FLAG BIT
ADDRESS 0h
IRQ/FT
HIGH-Z
1h
Fh



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com