Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PS08128AZS-F Datasheet(PDF) 25 Page - Powertip Technology

Part # PS08128AZS-F
Description  OUTLINE DIMENSION & BLOCK DIAGRAM
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWERTIP [Powertip Technology]
Direct Link  http://www.powertip.com.tw
Logo POWERTIP - Powertip Technology

PS08128AZS-F Datasheet(HTML) 25 Page - Powertip Technology

Back Button PS08128AZS-F Datasheet HTML 21Page - Powertip Technology PS08128AZS-F Datasheet HTML 22Page - Powertip Technology PS08128AZS-F Datasheet HTML 23Page - Powertip Technology PS08128AZS-F Datasheet HTML 24Page - Powertip Technology PS08128AZS-F Datasheet HTML 25Page - Powertip Technology PS08128AZS-F Datasheet HTML 26Page - Powertip Technology PS08128AZS-F Datasheet HTML 27Page - Powertip Technology PS08128AZS-F Datasheet HTML 28Page - Powertip Technology PS08128AZS-F Datasheet HTML 29Page - Powertip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 65 page
background image
ST7066U
V2.0
2001/03/01
2/42
ST7066 Serial Specification Revision History
Version
Date
Description
1.7
2000/10/31
1. Added 8051 Example Program Code(Page 21,23)
2. Added Annotated Flow Chart :
“BF cannot be checked before this instruction”
3. Changed Maximum Ratings
Power Supply Voltage:+5.5V →+7.0V(Page 28)
1.8
2000/11/14 Added QFP Pad Configuration(Page 5)
1.8a
2000/11/30
1. Moved QFP Package Dimensions(Page 39) to Page 5
2. Changed DC Characteristics Ratings(Page 32,33)
2.0
2001/03/01 Transition to ST7066U



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com