Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AP43771 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # AP43771
Description  HIGH-PERFORMANCE USB PD CONTROLLER
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

AP43771 Datasheet(HTML) 4 Page - Diodes Incorporated

  AP43771 Datasheet HTML 1Page - Diodes Incorporated AP43771 Datasheet HTML 2Page - Diodes Incorporated AP43771 Datasheet HTML 3Page - Diodes Incorporated AP43771 Datasheet HTML 4Page - Diodes Incorporated AP43771 Datasheet HTML 5Page - Diodes Incorporated AP43771 Datasheet HTML 6Page - Diodes Incorporated AP43771 Datasheet HTML 7Page - Diodes Incorporated AP43771 Datasheet HTML 8Page - Diodes Incorporated AP43771 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
AP43771
Document number: DS41431 Rev. 5 - 2
4 of 10
www.diodes.com
October 2019
© Diodes Incorporated
AP43771
Absolute Maximum Ratings (Note 4)
Symbol
Parameter
Rating
Unit
VCC
Input Voltage at VCC Pin
-0.3 to 24
V
VFB, VIFB, VOTP
Input Voltage at VFB, IFB, OTP Pins
-0.3 to 7
V
VBUS, VPWR_EN, VISENP,VOCDRV
Input Voltage at VBUS, PWR_EN, ISENP,
OCDRV Pins
-0.3 to 24
V
—
Voltage from PWR_EN to VCC Pin
-16 to 7
V
VV5V
Input Voltage at V5V Pin
-0.3 to 7
V
VCC1, VCC2
Input Voltage at CC1, CC2 Pins
-0.3 to 7
V
VDP, VDN
Input Voltage at DP, DN Pins
-0.3 to 7
V
TJ
Operating Junction Temperature
-40 to +150
°C
TSTG
Storage Temperature
-65 to +150
°C
TLEAD
Lead Temperature (Soldering, 10s)
+300
°C
θJA
Thermal Resistance (Junction to Ambient)
(Note 5)
122
°C/W
θJC
Thermal Resistance (Junction to Case) (Note 5)
27
°C/W
—
ESD (Human Body Model) Voltage on DP, DN,
Pins
8
kV
—
ESD (Human Body Model) Voltage on VBUS,
ISENP, PWR_EN, VCC, OCDRV, OTP, V5V,
IFB, VFB, CC1, CC2 Pins
2
kV
—
ESD (Charged Device Model)
750
V
Notes:
4. Stresses
greater than those listed under “Absolute Maximum Ratings” can cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “Recommended Operating Conditions” is not implied.
Exposure to “Absolute Maximum Ratings” for extended periods can affect device reliability.
5. Test condition: Device mounted on FR-4 substrate PC board, 2oz copper, with the minimum footprint.
Recommended Operating Conditions
Symbol
Parameter
Min
Max
Unit
VCC
Power Supply Voltage
3.3
16
V
TOP
Operating Temperature Range
-40
+85
°C



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com