Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

UPD78C18 Datasheet(PDF) 21 Page - NEC

Part # UPD78C18
Description  8-BIT SINGLE-CHIP MICROCONTROLLER
PDF  373 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPD78C18 Datasheet(HTML) 21 Page - NEC

Back Button UPD78C18 Datasheet HTML 17Page - NEC UPD78C18 Datasheet HTML 18Page - NEC UPD78C18 Datasheet HTML 19Page - NEC UPD78C18 Datasheet HTML 20Page - NEC UPD78C18 Datasheet HTML 21Page - NEC UPD78C18 Datasheet HTML 22Page - NEC UPD78C18 Datasheet HTML 23Page - NEC UPD78C18 Datasheet HTML 24Page - NEC UPD78C18 Datasheet HTML 25Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 373 page
background image
CHAPTER 1
GENERAL DESCRIPTION
3
1.1 Features
• 159 types of instructions
• Multiplication/division instructions, 16-bit operation instructions possible
• Minimum instruction execution time
• 0.8
µs (at 15 MHz operation)
• ROM capacity
• 32768
× 8 bits (
µPD78C18/78CP18Note 1)
• 16384
× 8 bits (
µPD78C14, 78C14A, 78CP14Note 1)
•
8192
× 8 bits (
µPD78C12A)
•
4096
× 8 bits (
µPD78C11A)
• ROM-less
(
µPD78C17/78C10A)
• RAM capacityNote 2
•
1024
× 8 bits (
µPD78C18/78CP18/78C17)
•
256
× 8 bits (
µPD78C14/78C14A/78CP14/78C12A/78C11A/78C10A)
• 8-bit resolution A/D converter
• 8 channels
• General-purpose serial interface
• Asynchronous mode
• Synchronous mode
• I/O interface mode
• 16-bit timer/event counter
• 1 channel
• 8-bit timer
• 2 channels
• Interrupt functions (3 external, 8 internal)
• Non-maskable interrupt :
1
• Maskable interrupts
:
10
• 6 priority levels, 6 interrupt addresses
Notes 1.
µPD78CP18/78CP14 have on-chip one-time PROM or EPROM.
2.
On-chip RAM can only be used when the RAE bit of the MM register is "1".



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com