Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KC1850 Datasheet(PDF) 2 Page - Vishay Siliconix

Part # KC1850
Description  Polycarbonate Film Capacitor Related Document: IEC 60 384-12
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

KC1850 Datasheet(HTML) 2 Page - Vishay Siliconix

  KC1850 Datasheet HTML 1Page - Vishay Siliconix KC1850 Datasheet HTML 2Page - Vishay Siliconix KC1850 Datasheet HTML 3Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
www.vishay.com
94
KC 1850*
Vishay Roederstein
Document Number 26025
Revision 01-Dec-03
For technical questions, contact dc-film@vishay.com
*Please note: these capacitors are not recommended for new designs.
Further C-values upon request.
CAPACITANCE
CAPACITANCE
VOLTAGE
VOLTAGE
VOLTAGE
CODE
CODE 06
CODE 01
CODE 16
63 VDC/
100 VDC/
160 VDC/
40 VAC
63 VAC
100 VAC
WH
L
W
H
L
W
H
L
220 pF
- 122
—
—
—
—
—
—
2.5
6.5
7.2
330 pF
- 133
—
—
—
—
—
—
2.5
6.5
7.2
470 pF
- 147
—
—
—
—
—
—
2.5
6.5
7.2
680 pF
- 168
—
—
—
—
—
—
2.5
6.5
7.2
1000 pF
- 210
—
—
—
—
—
—
2.5
6.5
7.2
1500 pF
- 215
—
—
—
2.5
6.5
7.2
3.5
8.5
7.2
2200 pF
- 222
—
—
—
2.5
6.5
7.2
3.5
8.5
7.2
3300 pF
- 233
2.5
6.5
7.2
—
—
—
—
—
—
4700 pF
- 247
2.5
6.5
7.2
—
—
—
—
—
—
6800 pF
- 268
3.0
7.5
7.2
—
—
—
—
—
—
0.01 µF
- 310
3.5
8.5
7.2
—
—
—
—
—
—
RECOMMENDED PACKAGING
LETTER
TYPE OF
HEIGHT (H)
REEL DIAMETER
ORDERING CODE
PCM
CODE
PACKAGING
(mm)
(mm)
EXAMPLE
5
D
AMMO
16.5
S*
KC 1850-210/165-D
X
G
AMMO
18.5
S*
KC 1850-210/165-G
X
F
REEL
16.5
350
KC 1850-210/165-F
X
W
REEL
18.5
350
KC 1850-210/165-W
X
—
BULK
—
—
KC 1850-210/165
X
*S = box size 55 x 210 x 340mm (W x H x L)
Impedance versus Frequency Z = f (f) (Lead length 2.0mm)
10
7
5
3
2
1
7
5
3
2
0.1
7
5
3
2
0.01
f [MHz]
1
2
35
7
10
2
35
7 100
2
3
Polycarbonate, Related Document: IEC 60 384-12



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com