Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T37Y Datasheet(PDF) 13 Page - STMicroelectronics

Part # M48T37Y
Description  3.3V-5V 256 Kbit 32Kb x8 TIMEKEEPER SRAM
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T37Y Datasheet(HTML) 13 Page - STMicroelectronics

Back Button M48T37Y Datasheet HTML 9Page - STMicroelectronics M48T37Y Datasheet HTML 10Page - STMicroelectronics M48T37Y Datasheet HTML 11Page - STMicroelectronics M48T37Y Datasheet HTML 12Page - STMicroelectronics M48T37Y Datasheet HTML 13Page - STMicroelectronics M48T37Y Datasheet HTML 14Page - STMicroelectronics M48T37Y Datasheet HTML 15Page - STMicroelectronics M48T37Y Datasheet HTML 16Page - STMicroelectronics M48T37Y Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
13/29
M48T37Y, M48T37V
Table 5. Register Map
Keys: S = Sign Bit
FT = Frequency Test Bit
R = READ Bit
W = WRITE Bit
ST = Stop Bit
0 = Must be set to '0'
BL = Battery Low Flag (Read only)
BMB0-BMB4 = Watchdog Multiplier Bits
AFE = Alarm Flag Enable Flag
RB0-RB1 = Watchdog Resolution Bits
WDS = Watchdog Steering Bit
ABE = Alarm in Battery Back-Up Mode Enable Bit
RPT1-RPT4 = Alarm Repeat Mode Bits
WDF = Watchdog Flag (Read only)
AF = Alarm Flag (Read only)
Z = '0' and are Read only
Address
Data
Function/Range
BCD Format
D7
D6
D5
D4
D3
D2
D1
D0
7FFFh
10 Years
Year
Year
00-99
7FFEh
0
0
0
10 M
Month
Month
01-12
7FFDh
0
0
10 Date
Date: Day of Month
Date
01-31
7FFCh
0
FT
0
0
0
Day of Week
Day
01-7
7FFBh
0
0
10 Hours
Hours
Hours
00-23
7FFAh
0
10 Minutes
Minutes
Min
00-59
7FF9h
ST
10 Seconds
Seconds
Sec
00-59
7FF8h
W
R
S
Calibration
Control
7FF7h
WDS
BMB4
BMB3
BMB2
BMB1
BMB0
RB1
RB0
Watchdog
7FF6h
AFE
0
ABE
0
0
0
0
0
Interrupts
7FF5h
RPT4
0
AIarm 10 Date
Alarm Date
Alarm Date
01-31
7FF4h
RPT3
0
AIarm 10 Hours
Alarm Hours
Alarm Hour
00-23
7FF3h
RPT2
Alarm 10 Minutes
Alarm Minutes
Alarm Min
00-59
7FF2h
RPT1
Alarm 10 Seconds
Alarm Seconds
Alarm Sec
00-59
7FF1h
1000 Year
100 Year
Century
00-99
7FF0h
WDF
AF
Z
BL
Z
Z
Z
Z
Flags



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com