Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

19N413 Datasheet(PDF) 3 Page - ITWSwitches

Part # 19N413
Description  SERIES 19N - MICROSWITCH
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITWSWITCHES [ITWSwitches]
Direct Link  https://www.itwswitches.com/
Logo ITWSWITCHES - ITWSwitches

19N413 Datasheet(HTML) 3 Page - ITWSwitches

  19N413 Datasheet HTML 1Page - ITWSwitches 19N413 Datasheet HTML 2Page - ITWSwitches 19N413 Datasheet HTML 3Page - ITWSwitches 19N413 Datasheet HTML 4Page - ITWSwitches  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Contact an Authorized Distributor or Factory for Pricing
www.itwswitches.co.uk | www.itwswitches.com
PRODUCT DRAWINGS
SERIES 19N - MICROSWITCH
MICROSWITCHES
BUTTON/LEVER POSITIONS:
Free position (F.P)
Standard switch to mounting holes 9.14 max
Standard switch to PCB 12.35 max
Sealed switch to mounting holes 9.35 max
Leaf lever to mounting holes 12.50 max
Leaf lever to PCB 15.70 max
Roller lever to mounting holes 17.20 max
Roller lever to PCB 20.40 max
Operating point (O.P)
Standard switch to mounting holes 8.40 ±0.40
Standard switch to PCB 11.60 ±0.40
Sealed switch to mounting holes 8.50 ±0.40
Leaf lever to mounting holes 10.15 ±1.37
Leaf lever to PCB 13.38 ±1.37
Roller lever to mounting holes 15.50 ±1.14
Roller lever to PCB 18.25 ±1.14
Arrow shows direction of force
and point of contact
Graph to calculate operating force
at end of lever
Series 19 June 15.qxd:Layout 1 17/06/2015 15:06 Page 14



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com