Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DB3B Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # DB3B
Description  Bidirectional DIAC Trigger Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DB3B Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  DB3B Datasheet HTML 1Page - List of Unclassifed Manufacturers DB3B Datasheet HTML 2Page - List of Unclassifed Manufacturers DB3B Datasheet HTML 3Page - List of Unclassifed Manufacturers DB3B Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/DX 2007-06-04
DB3B
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel:
(800)-TAITRON (800)-824-8766 (661)-257-6060
Fax:
(800)-TAITFAX (800)-824-8329
(661)-257-6415
Bidirectional DIAC Trigger Diode
Bidirectional DIAC Trigger Diode
Features
• Low breakover current: 15µA Max.
• Excellent symmetry
• Very low leakage current
• Trigger diode with a fixed voltage reference
• High temperature soldering guaranteed:
250°C/10s/9.5mm lead length at 5 lbs tension
• RoHS Compliance
Mechanical Data
Case:
Glass Case DO-35
Terminals:
Plated axial leads, solderable per MIL-STD-750, method 2026
Weight:
Approx. 0.13 gram
Maximum Ratings and Electrical Characteristics (T
A=25ºC unless noted otherwise)
Value
Symbol
Description
Min. Typ. Max.
Unit
Conditions
VBO
Breakover Voltage*
30
32
34
V
IBO ,C=22nF**
│
+VBO│-│-VBO│
Breakover Voltage Symmetry
-2
-
2
V
IBO ,C=22nF**
│
±∆V│
Dynamic Breakover Voltage**
9
-
-
V
VBO and VF at 10mA
VO
Output Voltage*
5
-
-
V
See Fig.6 (R=20Ω)
IBO
Breakover Current*
-
-
15
µA
C=22nF**
Tr
Rise Time*
-
-
2
µs
See Fig.5
IB
Leakage Current*
-
-
10
µA
VB=0.5VBO Max.
IP
Peak Current*
0.3
-
-
A
See Fig.6 (Gate)
Pd
Power Dissipation on Printed
Circuit
-
-
150
mW
Ta=50°C
ITRM
Repetitive Peak on-state Current
-
-
2
A
tp=20µs, f=100Hz
RthJA
-
-
400
°C / W
RthJL
Typical Thermal Resistance
-
-
150
°C / W
DO-35


Similar Part No. - DB3B

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
DB3B TAITRON-DB3B Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
logo
ZF Friedrichshafen AG
DB3B-A1AA ZFSWITCHES-DB3B-A1AA Datasheet
279Kb / 2P
Precision switch with high repeat accuracy
DB3B-A1BA ZFSWITCHES-DB3B-A1BA Datasheet
279Kb / 2P
Precision switch with high repeat accuracy
DB3B-B1AA ZFSWITCHES-DB3B-B1AA Datasheet
279Kb / 2P
Precision switch with high repeat accuracy
DB3B-B1BA ZFSWITCHES-DB3B-B1BA Datasheet
279Kb / 2P
Precision switch with high repeat accuracy
More results

Similar Description - DB3B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
DB3A ETC2-DB3A Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
logo
TAITRON Components Inco...
DB3 TAITRON-DB3 Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3A TAITRON-DB3A Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3AM TAITRON-DB3AM Datasheet
255Kb / 4P
Bidirectional DIAC Trigger Diode
DB3B TAITRON-DB3B Datasheet
231Kb / 4P
Bidirectional DIAC Trigger Diode
DB3BM TAITRON-DB3BM Datasheet
255Kb / 4P
Bidirectional DIAC Trigger Diode
logo
Littelfuse
HT32 LITTELFUSE-HT32 Datasheet
256Kb / 8P
Standard Bidirectional DIAC Trigger
HT32A LITTELFUSE-HT32A Datasheet
256Kb / 8P
Standard Bidirectional DIAC Trigger
ST36A LITTELFUSE-ST36A Datasheet
256Kb / 8P
Standard Bidirectional DIAC Trigger
logo
DIOTEC Electronics Corp...
BR1003DO41 DEC-BR1003DO41 Datasheet
243Kb / 2P
Bidirectional Si-Trigger-Diodes (DIAC)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com