Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T512Y Datasheet(PDF) 20 Page - STMicroelectronics

Part # M48T512Y
Description  3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T512Y Datasheet(HTML) 20 Page - STMicroelectronics

Back Button M48T512Y Datasheet HTML 13Page - STMicroelectronics M48T512Y Datasheet HTML 14Page - STMicroelectronics M48T512Y Datasheet HTML 15Page - STMicroelectronics M48T512Y Datasheet HTML 16Page - STMicroelectronics M48T512Y Datasheet HTML 17Page - STMicroelectronics M48T512Y Datasheet HTML 18Page - STMicroelectronics M48T512Y Datasheet HTML 19Page - STMicroelectronics M48T512Y Datasheet HTML 20Page - STMicroelectronics M48T512Y Datasheet HTML 21Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 21 page
background image
M48T512Y, M48T512V*
20/21
REVISION HISTORY
Table 14. Document Revision History
Date
Version
Revision Details
June 1998
1.0
First Issue
03-Dec-99
1.1
M48T512Y: VPFD (Min) changed; AC Measurement Load Circuit changed (Figure 11); tFB
and tRB changed (Figure 12, Table 10)
11-Dec-00
2.0
Reformatted
20-Jul-01
2.1
Segments re-ordered; temp./voltage info. added to tables (Table 8, 9, 3, 4, 10, 11)
07-Aug-01
2.2
Text re-ordered from last adjustment (“Operating Modes” section)
20-May-02
2.3
Add countries to disclaimer
07-Aug-02
2.4
Add marketing status
31-Mar-03
3.0
v2.2 template applied; data retention condition updated (Table 11)
22-Feb-05
4.0
Reformatted; IR reflow update (Table 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com