Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48T513Y Datasheet(PDF) 8 Page - STMicroelectronics

Part # M48T513Y
Description  3.3V-5V 4 Mbit 512Kb x8 TIMEKEEPER SRAM
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48T513Y Datasheet(HTML) 8 Page - STMicroelectronics

Back Button M48T513Y Datasheet HTML 4Page - STMicroelectronics M48T513Y Datasheet HTML 5Page - STMicroelectronics M48T513Y Datasheet HTML 6Page - STMicroelectronics M48T513Y Datasheet HTML 7Page - STMicroelectronics M48T513Y Datasheet HTML 8Page - STMicroelectronics M48T513Y Datasheet HTML 9Page - STMicroelectronics M48T513Y Datasheet HTML 10Page - STMicroelectronics M48T513Y Datasheet HTML 11Page - STMicroelectronics M48T513Y Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
M48T513Y, M48T513V
8/23
Table 7. Power Down/Up Trip Points DC Characteristics (1)
(TA = 0 to 70 °C)
Note: 1. All voltages referenced to VSS.
2. At 25
°C.
Table 8. Power Down/Up AC Characteristics
(TA = 0 to 70 °C)
Note: 1. VPFD (max) to VPFD (min) fall time of less than tF may result in deselection/write protection not occurring until 200ms after VCC pass-
es VPFD (min).
2. VPFD (min) to VSS fall time of less than tFB may cause corruption of RAM data.
Symbol
Parameter
Min
Typ
Max
Unit
VPFD
Power-fail Deselect Voltage
M48T513Y
4.2
4.35
4.5
V
M48T513V
2.7
2.9
3.0
V
VSO
Batter y Back-up Switchover Voltage
M48T513Y
3.0
V
M48T513V
VPFD –100mV
tDR
(2)
Expected Data Retention Time
10
YEARS
Symbol
Parameter
Min
Max
Unit
tF
(1)
VPFD (max) to VPFD (min) VCC Fall Time
300
µs
tFB
(2)
VPFD (min) to VSS VCC Fall Time
M48T513Y
10
µs
M48T513V
150
µs
tR
VPFD (min) to VPFD (max) VCC Rise Time
0
µs
tRB
VSS to VPFD (min) VCC Rise Time
1
µs
tREC
VPFD (max) to RST High
40
200
ms
Figure 6. Power Down/Up Mode AC Waveforms
AI01805
VCC
INPUTS
OUTPUTS
DON’T CARE
HIGH-Z
tF
tFB
tR
tRB
VALID
VALID
RECOGNIZED
RECOGNIZED
VPFD (max)
VPFD (min)
VSO
tREC
RST



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com