Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SPM6M080-010D Datasheet(PDF) 6 Page - Sensitron

Part # SPM6M080-010D
Description  Three-Phase MOSFET BRIDGE, With Gate Driver and Optical Isolation
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SENSITRON [Sensitron]
Direct Link  http://www.sensitron.com
Logo SENSITRON - Sensitron

SPM6M080-010D Datasheet(HTML) 6 Page - Sensitron

Back Button SPM6M080-010D Datasheet HTML 2Page - Sensitron SPM6M080-010D Datasheet HTML 3Page - Sensitron SPM6M080-010D Datasheet HTML 4Page - Sensitron SPM6M080-010D Datasheet HTML 5Page - Sensitron SPM6M080-010D Datasheet HTML 6Page - Sensitron SPM6M080-010D Datasheet HTML 7Page - Sensitron SPM6M080-010D Datasheet HTML 8Page - Sensitron SPM6M080-010D Datasheet HTML 9Page - Sensitron SPM6M080-010D Datasheet HTML 10Page - Sensitron Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
SENSITRON
SEMICONDUCTOR
TECHNICAL DATA
Datasheet 4118, Rev. D.1
• 221 West Industry Court
Deer Park, NY 11729
(631) 586 7600 FAX (631) 242 9798
• World Wide Web Site - http://www.sensitron.com • E-mail Address - sales@sensitron.com •
Page 6
SPM6M080-010D
PIN OUT
Pin #
Name
Description
1
HinA
Isolated Drive Input for High-side MOSFET of Phase A
2
HinA-Rtn
Return for Input at 1
3
NC
Not Connected
4
LinA
Isolated Drive Input for Low-side MOSFET of Phase A
5
LinA-Rtn
Return for Input at 4
6
NC
Not Connected
7
HinB
Isolated Drive Input for High-side MOSFET of Phase B
8
HinB-Rtn
Return for Input at 7
9
NC
Not Connected
10
LinB
Isolated Drive Input for Low-side MOSFET of Phase B
11
LinB-Rtn
Return for Input at 10
12
HinC
Isolated Drive Input for High-side MOSFET of Phase C
13
HinC-Rtn
Return for Input at 12
14
LinC
Isolated Drive Input for Low-side MOSFET of Phase C
15
LinC-Rtn
Return for Input at 14
16
NC
Not Connected
17
NC
Not Connected
18
NC
Not Connected
19
Vcc
+15V input biasing supply connection for the controller.
Under-voltage lockout keeps all outputs off for Vcc
below 10.5V. Vcc pin should be connected to an
isolated 15V power supply. Vcc recommended limits are
14V to 16V , and shall not exceed 18V. The return of
Vcc is pin 20.
Recommended power supply capability is about 70mA.
20
+15V Rtn
(3)
Signal ground for all signals at Pins 19 through 27. This
ground is internally connected to the +VDC Rtn through
1.7 Ohms. It is preferred not to have external connection
between Signal Gnd and +VDC Rtn.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com