Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ACPDV1524V-HF Datasheet(PDF) 2 Page - Comchip Technology

Part # ACPDV1524V-HF
Description  SMD ESD Protection Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

ACPDV1524V-HF Datasheet(HTML) 2 Page - Comchip Technology

  ACPDV1524V-HF Datasheet HTML 1Page - Comchip Technology ACPDV1524V-HF Datasheet HTML 2Page - Comchip Technology ACPDV1524V-HF Datasheet HTML 3Page - Comchip Technology ACPDV1524V-HF Datasheet HTML 4Page - Comchip Technology ACPDV1524V-HF Datasheet HTML 5Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SMD ESD Protection Diode
Comchip Technology CO., LTD.
Page 2
Electrical Characteristics (at TJ=25°C unless otherwise noted)
REV:A
Symbol
Typ
Parameter
Min
Max
Unit
Conditions
Breakdown voltage
VBR
µA
IT = 1mA
VRWM = 24V
V
Working peak reverse voltage (Note 1)
VRWM
Junction capacitance
CJ
pF
VR = 0V, f = 1MHz
24
27.4
21
Reverse leakage current
IR
1
IPP = 1A, TP = 8/20µs
V
VC
39
Pin 2 to Pin 1
Clamping voltage (Note 2)
VC
V
IPP = 3A, TP = 8/20µs
IPP = 5A, TP = 8/20µs
VC
46
53.5
Breakdown voltage
VBR
µA
IT = 1mA
VRWM = 15V
V
Working peak reverse voltage (Note 1)
VRWM
15
17.4
Reverse leakage current
IR
1
IPP = 1A, TP = 8/20µs
V
VC
24
Pin 1 to Pin 2
Clamping voltage (Note 2)
VC
V
IPP = 5A, TP = 8/20µs
IPP = 9.5A, TP = 8/20µs
VC
29.3
33.3
AQW-JP022
34
21
Notes: 1. Device stressed with ten non-repetitive ESD pulse.
2. Non-repetitive current pulse 8/20µs exponential decay waveform according to IEC 61000-4-5.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com