Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM4040 Datasheet(PDF) 12 Page - Diodes Incorporated

Part # LM4040
Description  PRECISION MICROPOWER SHUNT VOLTAGE REFERENCES
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

LM4040 Datasheet(HTML) 12 Page - Diodes Incorporated

Back Button LM4040 Datasheet HTML 8Page - Diodes Incorporated LM4040 Datasheet HTML 9Page - Diodes Incorporated LM4040 Datasheet HTML 10Page - Diodes Incorporated LM4040 Datasheet HTML 11Page - Diodes Incorporated LM4040 Datasheet HTML 12Page - Diodes Incorporated LM4040 Datasheet HTML 13Page - Diodes Incorporated LM4040 Datasheet HTML 14Page - Diodes Incorporated LM4040 Datasheet HTML 15Page - Diodes Incorporated LM4040 Datasheet HTML 16Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
LM4040
Application Information
In a conventional shunt regulator application (Figure 1), an external series resistor (RS) is connected between the supply voltage, VS, and the
LM4040.
Figure 1
RS determines the current that flows through the load (IL) and the LM4040 (IR). Because load current and supply voltage
can vary, RS should be small enough to supply at least the minimum acceptable IR to the LM4040 even when the supply
voltage is at its minimum and the load current is at its maximum value. When the supply voltage is at its maximum and IL
is at its minimum, RS should be large enough so that the current flowing through the LM4040 is less than 15mA.
RS is determined by the supply voltage, (VS), the load and operating current, (IL and IR), and the LM4040’s reverse
breakdown voltage, VR.
R
L
R
S
S
I
I
V
V
R
+
−
=
Printed Circuit Board Layout Considerations
The LM4040 device in the SOT23 package has the die attached to pin 3, which results in an electrical contact between
pin 2 and pin 3. Therefore, pin 3 of the SOT23 package must be left floating or connected to pin 2.
LM4040
Document number: DS33195 Rev. 8 - 2
12 of 16
www.diodes.com
August 2019
© Diodes Incorporated



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com