Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z09 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M48Z09
Description  CMOS 8K x 8 ZEROPOWER SRAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z09 Datasheet(HTML) 2 Page - STMicroelectronics

  M48Z09 Datasheet HTML 1Page - STMicroelectronics M48Z09 Datasheet HTML 2Page - STMicroelectronics M48Z09 Datasheet HTML 3Page - STMicroelectronics M48Z09 Datasheet HTML 4Page - STMicroelectronics M48Z09 Datasheet HTML 5Page - STMicroelectronics M48Z09 Datasheet HTML 6Page - STMicroelectronics M48Z09 Datasheet HTML 7Page - STMicroelectronics M48Z09 Datasheet HTML 8Page - STMicroelectronics M48Z09 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
0 to 70
°C
TSTG
Storage Temperature (VCC Off)
–40 to 85
°C
VIO
Input or Output Voltages
–0.3 to 7
V
VCC
Supply Voltage
–0.3 to 7
V
IO
Output Current
20
mA
PD
Power Dissipation
1
W
Note: Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other conditions above those indicated in the operational section of this
specification is not implied. Exposure to the absolute maximum ratings conditions for extended periods of time may affect reliability.
CAUTION: Negative undershoots below –0.3 volts are not allowed on any pin while in the Battery Back-up mode.
Table 2. Absolute Maximum Ratings
Mode
VCC
E1
E2
G
W
DQ0-DQ7
Power
Deselect
4.75V to 5.5V
or
4.5V to 5.5V
VIH
X
X
X
High Z
Standby
Deselect
X
VIL
X
X
High Z
Standby
Write
VIL
VIH
XVIL
DIN
Active
Read
VIL
VIH
VIL
VIH
DOUT
Active
Read
VIL
VIH
VIH
VIH
High Z
Active
Deselect
VSO to VPFD (min)
X
X
X
X
High Z
CMOS Standby
Deselect
≤ VSO
X
X
X
X
High Z
Battery Back-up Mode
Note: X = VIH or VIL
Table 3. Operating Modes
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
E2
A10
A8
A9
DQ7
W
A11
G
E1
DQ5
DQ1
DQ2
DQ3
VSS
DQ4
DQ6
A12
INT
VCC
AI01185
M48Z09
M49Z19
8
1
2
3
4
5
6
7
9
10
11
12
13
14
16
15
28
27
26
25
24
23
22
21
20
19
18
17
Figure 2A. DIP Pin Connections
The M48Z09,19 button cell has sufficient capacity
and storage life to maintain data for an accumu-
lated time period of at least 11 years in the absence
of power over the operating temperature range.
The M48Z09,19 is a non-volatile pin and function
equivalent to any JEDEC standard 8K x 8 SRAM.
It also easily fits into many ROM, EPROM, and
EEPROM sockets, providing the non-volatility of
PROMs without any requirement for special write
timing or limitations on the number of writes that
can be performed.
The M48Z09,19 also has its own Power-fail Detect
circuit. The control circuitry constantly monitors the
single 5V supply for an out of tolerance condition.
When VCC is out of tolerance, the circuit write
protects the SRAM, providing a high degree of data
security in the midst of unpredictable system opera-
tion brought on by low VCC. As VCC falls below
approximately 3V, the control circuitry connects the
battery which maintains data and clock operation
until valid power returns.
DESCRIPTION (cont’d)
2/13
M48Z09, M48Z19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com