Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM2903H Datasheet(PDF) 1 Page - STMicroelectronics

Part # LM2903H
Description  Low power dual voltage comparators
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

LM2903H Datasheet(HTML) 1 Page - STMicroelectronics

  LM2903H Datasheet HTML 1Page - STMicroelectronics LM2903H Datasheet HTML 2Page - STMicroelectronics LM2903H Datasheet HTML 3Page - STMicroelectronics LM2903H Datasheet HTML 4Page - STMicroelectronics LM2903H Datasheet HTML 5Page - STMicroelectronics LM2903H Datasheet HTML 6Page - STMicroelectronics LM2903H Datasheet HTML 7Page - STMicroelectronics LM2903H Datasheet HTML 8Page - STMicroelectronics LM2903H Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
March 2008
Rev 3
1/9
9
LM2903H
Low power dual voltage comparators
Features
Wide single supply voltage range or dual
supplies +2 V to +36 V or ±1 V to ±18 V
Very low supply current (0.4 mA) independent
of supply voltage (1 mW/comparator at +5 V)
Low input bias current: 25 nA typ.
Low input offset current: ±5 nA typ.
Input common-mode voltage range includes
ground
Low output saturation voltage:
250 mV typ. (IO = 4 mA)
Differential input voltage range equal to the
supply voltage
TTL, DTL, ECL, MOS, CMOS compatible
outputs
Description
This device consists of two independent low
power voltage comparators designed specifically
to operate from a single supply over a wide range
of voltages. Operation from split power supplies is
also possible.
These comparators also have a unique
characteristic in that the input common-mode
voltage range includes ground even though
operated from a single power supply voltage.
SO-8
(Plastic micropackage)
Wafer form
1
2
3
45
6
7
8
-
+
-
+
Pin connections
(top view)
www.st.com


Similar Part No. - LM2903H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903H STMICROELECTRONICS-LM2903H Datasheet
86Kb / 5P
LOW POWER DUAL VOLTAGE COMPARATORS
Sep-2003
LM2903HD STMICROELECTRONICS-LM2903HD Datasheet
86Kb / 5P
LOW POWER DUAL VOLTAGE COMPARATORS
Sep-2003
LM2903H STMICROELECTRONICS-LM2903H_05 Datasheet
264Kb / 7P
Low Power Dual Voltage Comparators
Feb-2006
LM2903H STMICROELECTRONICS-LM2903H_12 Datasheet
320Kb / 10P
Low-power dual voltage comparator
13-Mar-2012
More results

Similar Description - LM2903H

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
LM2903 STMICROELECTRONICS-LM2903 Datasheet
628Kb / 9P
LOW POWER DUAL VOLTAGE COMPARATORS
Jun-2003
LM193W STMICROELECTRONICS-LM193W Datasheet
169Kb / 10P
LOW POWER DUAL VOLTAGE COMPARATORS
May-2004
LM2903H STMICROELECTRONICS-LM2903H Datasheet
86Kb / 5P
LOW POWER DUAL VOLTAGE COMPARATORS
Sep-2003
LM193 STMICROELECTRONICS-LM193 Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
Feb-2006
logo
BCD Semiconductor Manuf...
AS393 BCDSEMI-AS393 Datasheet
65Kb / 2P
LOW POWER LOW OFFSET VOLTAGE DUAL COMPARATORS
logo
STMicroelectronics
LM2902 STMICROELECTRONICS-LM2902_07 Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
February 2006 Rev. 6
LM2902W STMICROELECTRONICS-LM2902W_07 Datasheet
264Kb / 15P
Low Power Dual Voltage Comparators
February 2006 Rev. 6
LM2903 STMICROELECTRONICS-LM2903_07 Datasheet
264Kb / 14P
LOW POWER DUAL VOLTAGE COMPARATORS
Feb-2006
LM2903H STMICROELECTRONICS-LM2903H_05 Datasheet
264Kb / 7P
Low Power Dual Voltage Comparators
Feb-2006
LM193 STMICROELECTRONICS-LM193_08 Datasheet
234Kb / 15P
Low power dual voltage comparators
19-Feb-2008
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com