Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z128 Datasheet(PDF) 1 Page - STMicroelectronics

Part # M48Z128
Description  1 Mbit 128Kb x8 ZEROPOWER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z128 Datasheet(HTML) 1 Page - STMicroelectronics

  M48Z128 Datasheet HTML 1Page - STMicroelectronics M48Z128 Datasheet HTML 2Page - STMicroelectronics M48Z128 Datasheet HTML 3Page - STMicroelectronics M48Z128 Datasheet HTML 4Page - STMicroelectronics M48Z128 Datasheet HTML 5Page - STMicroelectronics M48Z128 Datasheet HTML 6Page - STMicroelectronics M48Z128 Datasheet HTML 7Page - STMicroelectronics M48Z128 Datasheet HTML 8Page - STMicroelectronics M48Z128 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 17 page
background image
1/17
June 2000
M48Z128
M48Z128Y
1 Mbit (128Kb x8) ZEROPOWER® SRAM
s
INTEGRATED LOW POWER SRAM,
POWER-FAIL CONTROL CIRCUIT and
BATTERY
s
CONVENTIONAL SRAM OPERATION;
UNLIMITED WRITE CYCLES
s
10 YEARS of DATA RETENTION in the
ABSENCE of POWER
s
AUTOMATIC POWER-FAIL CHIP DESELECT
and WRITE PROTECTION
s
WRITE PROTECT VOLTAGES
(VPFD = Power-fail Deselect Voltage):
– M48Z128: 4.50V
≤ VPFD ≤ 4.75V
– M48Z128Y: 4.20V
≤ VPFD ≤ 4.50V
s
BATTERY INTERNALLY ISOLATED UNTIL
POWER IS APPLIED
s
PIN and FUNCTION COMPATIBLE with
JEDEC STANDARD 128K x 8 SRAMs
s
SURFACE MOUNT CHIP SET PACKAGING
INCLUDES a 28-PIN SOIC and a 32-LEAD
TSOP (SNAPHAT TOP TO BE ORDERED
SEPARATELY)
s
SOIC PACKAGE PROVIDES DIRECT
CONNECTION for a SNAPHAT TOP WHICH
CONTAINS the BATTERY
s
SNAPHAT® HOUSING (BATTERY) IS
REPLACEABLE
Figure 1. Logic Diagram
AI01194
17
A0-A16
W
DQ0-DQ7
VCC
M48Z128
M48Z128Y
G
VSS
8
E
Table 1. Signal Names
A0-A16
Address Inputs
DQ0-DQ7
Data Inputs / Outputs
E
Chip Enable
G
Output Enable
W
Write Enable
VCC
Supply Voltage
VSS
Ground
NC
Not Connected Internally
32
1
TSOP32
(8 x 20mm)
SOH28
Surface Mount Chip Set Solution (CS)
SNAPHAT (SH)
Battery
PMDIP32 (PM)
Module


Similar Part No. - M48Z128

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M48Z128 STMICROELECTRONICS-M48Z128 Datasheet
295Kb / 21P
5.0V OR 3.3V, 1 Mbit (128 Kbit x 8) ZEROPOWER SRAM
Rev. 3.4
M48Z128 STMICROELECTRONICS-M48Z128 Datasheet
339Kb / 20P
5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER® SRAM
20-Jul-2010
M48Z128-120PM1 STMICROELECTRONICS-M48Z128-120PM1 Datasheet
339Kb / 20P
5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER® SRAM
20-Jul-2010
M48Z128-70PM1 STMICROELECTRONICS-M48Z128-70PM1 Datasheet
339Kb / 20P
5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER® SRAM
20-Jul-2010
M48Z128-85PM1 STMICROELECTRONICS-M48Z128-85PM1 Datasheet
339Kb / 20P
5.0 V or 3.3 V, 1 Mbit (128 Kbit x 8) ZEROPOWER® SRAM
20-Jul-2010
More results

Similar Description - M48Z128

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
M36W108AT STMICROELECTRONICS-M36W108AT Datasheet
252Kb / 36P
8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
Mar-1999
M36W108T STMICROELECTRONICS-M36W108T Datasheet
247Kb / 35P
8 Mbit 1Mb x8, Boot Block Flash Memory and 1 Mbit 128Kb x8 SRAM Low Voltage Multi-Memory Product
May-1999
M48T128Y STMICROELECTRONICS-M48T128Y Datasheet
340Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
07-Aug-2002
M48T129Y STMICROELECTRONICS-M48T129Y Datasheet
140Kb / 22P
3.3V-5V 1 Mbit 128Kb x8 TIMEKEEPER SRAM
Apr-2000
M48Z129Y STMICROELECTRONICS-M48Z129Y Datasheet
94Kb / 13P
3.3V/5V 1 Mbit 128Kb x8 ZEROPOWER SRAM
20-Jun-2000
M48Z35 STMICROELECTRONICS-M48Z35 Datasheet
135Kb / 18P
256 Kbit 32Kb x8 ZEROPOWER SRAM
Aug-1999
M48Z35AY STMICROELECTRONICS-M48Z35AY Datasheet
125Kb / 16P
256 Kbit 32Kb x8 ZEROPOWER SRAM
20-Apr-2000
M48Z512A STMICROELECTRONICS-M48Z512A Datasheet
101Kb / 17P
4 Mbit 512Kb x8 ZEROPOWER SRAM
Mar-2000
M68Z128 STMICROELECTRONICS-M68Z128 Datasheet
95Kb / 12P
5V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
20-Mar-2000
M68Z128W STMICROELECTRONICS-M68Z128W Datasheet
96Kb / 12P
3V, 1 Mbit 128Kb x8 Low Power SRAM with Output Enable
20-Mar-2000
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com