Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z2M1 Datasheet(PDF) 2 Page - STMicroelectronics

Part # M48Z2M1
Description  16 Mb 2Mb x 8 ZEROPOWER SRAM
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z2M1 Datasheet(HTML) 2 Page - STMicroelectronics

  M48Z2M1 Datasheet HTML 1Page - STMicroelectronics M48Z2M1 Datasheet HTML 2Page - STMicroelectronics M48Z2M1 Datasheet HTML 3Page - STMicroelectronics M48Z2M1 Datasheet HTML 4Page - STMicroelectronics M48Z2M1 Datasheet HTML 5Page - STMicroelectronics M48Z2M1 Datasheet HTML 6Page - STMicroelectronics M48Z2M1 Datasheet HTML 7Page - STMicroelectronics M48Z2M1 Datasheet HTML 8Page - STMicroelectronics M48Z2M1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
Symbol
Parameter
Value
Unit
TA
Ambient Operating Temperature
0 to 70
°C
TSTG
Storage Temperature (VCC Off)
–40 to 85
°C
TBIAS
Temperature Under Bias
–40 to 85
°C
TSLD
(2)
Lead Soldering Temperature for 10 seconds
260
°C
VIO
Input or Output Voltages
–0.3 to 7
V
VCC
Supply Voltage
–0.3 to 7
V
Notes: 1. Stresses greater than those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a
stress rating only and functional operation of the device at these or any other conditions above those indicated in the operational
section of this specification is not implied. Exposure to the absolute maximum rating conditions for extended periods of time may
affect reliability.
2. Soldering temperature not to exceed 260
°C for 10 seconds (total thermal budget not to exceed 150°C for longer than 30 seconds).
CAUTION: Negative undershoots below –0.3 volts are not allowed on any pin while in the Battery Back-up mode.
Table 2. Absolute Maximum Ratings (1)
Mode
VCC
E
G
W
DQ0-DQ7
Power
Deselect
4.75V to 5.5V
or
4.5V to 5.5V
VIH
X
X
High Z
Standby
Write
VIL
XVIL
DIN
Active
Read
VIL
VIL
VIH
DOUT
Active
Read
VIL
VIH
VIH
High Z
Active
Deselect
VSO to VPFD (min)
X
X
X
High Z
CMOS Standby
Deselect
≤ VSO
X
X
X
High Z
Battery Back-up Mode
Notes: X = VIH or VIL; VSO = Battery Back-up Switchover Voltage.
Table 3. Operating Modes
VSS
VCC
AI02049
M48Z2M1
M48Z2M1Y
10
1
2
5
6
7
8
9
11
12
13
16
17
18
30
29
26
25
24
23
22
21
20
19
3
4
28
27
32
31
14
15
34
33
36
35
A1
A0
DQ0
A7
A4
A3
A2
A6
A5
A13
A10
A8
A9
DQ7
A15
A11
G
E
DQ5
DQ1
DQ2
DQ3
DQ4
DQ6
A16
A18
A12
A14
W
A17
A20
NC
NC
A19
Figure 2. DIP Pin Connections
The M48Z2M1/2M1Y has its own Power-fail Detect
Circuit. The control circuitry constantly monitors the
single 5V supply for an out of tolerance condition.
When VCC is out of tolerance, the circuit write
protects the SRAM, providing a high degree of data
security in the midst of unpredictable system op-
erations brought on by low VCC. As VCC falls below
approximately 3V, the control circuitry connects the
batteries which sustain data until valid power re-
turns.
READ MODE
The M48Z2M1/2M1Y is in the Read Mode when-
ever W (Write Enable) is high and E (Chip Enable)
is low. The device architecture allows ripple-
through access of data from eight of 16,777,216
locations in the static storage array. Thus, the
unique address specified by the 21 Address Inputs
defines which one of the 2,097,152 bytes of data is
to be accessed. Valid data will be available at the
Data I/O pins within Address Access time (tAVQV)
after the last address input signal is stable, provid-
ing that the E (Chip Enable) and G (Output Enable)
access times are also satisfied. If the E and G
access times are not met, valid data will be avail-
DESCRIPTION (cont’d)
Warning: NC = Not Connected.
2/12
M48Z2M1, M48Z2M1Y



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com