Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDBHA10100L-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CDBHA10100L-HF
Description  SMD Schottky Barrier Rectifiers
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CDBHA10100L-HF Datasheet(HTML) 1 Page - Comchip Technology

  CDBHA10100L-HF Datasheet HTML 1Page - Comchip Technology CDBHA10100L-HF Datasheet HTML 2Page - Comchip Technology CDBHA10100L-HF Datasheet HTML 3Page - Comchip Technology CDBHA10100L-HF Datasheet HTML 4Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Reverse Voltage: 100V
Forward Current: 10A
RoHS Device
Comchip Technology CO., LTD.
SMD Schottky Barrier Rectifiers
Halogen Free
Features
- Metal silicon junction, majority carrier conduction.
- High current capability.
TO-277B
Dimension in inches and (millimeter)
0.169(4.30)
0.148(3.75)
0.051(1.30)
0.028(0.70)
0.152(3.85)
0.120(3.05)
0.030(0.75)
0.018(0.45)
0.130(3.30)
0.110(2.80)
0.079(2.00)
0.065(1.65)
0.264(6.70)
0.250(6.35)
0.217(5.50)
0.207(5.25)
0.077(1.95)
0.065(1.65)
0.041(1.05)
0.030(0.75)
0.047(1.20)
0.038(0.96)
0.018(0.45)
0.006(0.15)
0.018(0.45)
0.006(0.15)
REV:A
Page 1
QW-JB134
1
2
3
CDBHA10100L-HF
- Low forward voltage drop.
- High surge capability.
Maximum Ratings (at TA=25°C, unless otherwise noted)
Parameter
Unit
Peak repetitive reverse voltage
DC blocking voltage
Maximum average forward output current
Symbol
VRRM
VDC
IFSM
V
V
A
A
Value
RMS reverse voltage
VRMS
V
IO
Peak forward surge current, 8.3ms single half sine-wave
superimposed on rated load
Operating junction temperature range
TJ
°C
Storage temperature range
TSTG
°C
100
70
100
10
130
-55 to +150
-55 to +150
Unit
Parameter
Max.
Symbol
Min.
Typ.
RθJL
Typical thermal resistance from junction to lead
°C/W
19
Circuit Diagram
Cathode
3
1
Anode
2
Anode
Heat sink
Mechanical data
- Terminals: Solderable per MIL-STD-202,
method 208.
- Case: TO-277B, molded plastic.
Electrical Characteristics (at TA=25°C, unless otherwise noted)
Unit
Conditions
Parameter
Max.
Min.
Typ.
V
0.67
0.52
0.47
Maximum DC reverse current at rated
DC blocking voltage
0.5
5
mA
Symbol
VF
IR
VF
VF
IR
0.64
TJ = 25°C
TJ = 125°C
IF =10A
IF = 5A
IF = 3A
Notes: 1. Mounted on 30mm x 30mm aluminum PCB.
Maximum instantaneous forward voltage
(Note 1)
Thermal Characteristics


Similar Part No. - CDBHA10100L-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBHA10100-HF COMCHIP-CDBHA10100-HF Datasheet
474Kb / 4P
SMD Schottky Barrier Rectifiers
REV:B
More results

Similar Description - CDBHA10100L-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CDBC520-G COMCHIP-CDBC520-G Datasheet
563Kb / 2P
SMD Schottky Barrier Rectifiers
CDBA220-HF COMCHIP-CDBA220-HF Datasheet
94Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA320-G COMCHIP-CDBA320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBA3150-HF COMCHIP-CDBA3150-HF Datasheet
97Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB320-G COMCHIP-CDBB320-G_12 Datasheet
111Kb / 4P
SMD Schottky Barrier Rectifiers
CDBB5150-HF COMCHIP-CDBB5150-HF Datasheet
98Kb / 4P
SMD Schottky Barrier Rectifiers
CDBC3150-HF COMCHIP-CDBC3150-HF Datasheet
96Kb / 4P
SMD Schottky Barrier Rectifiers
CDBFN120-HF COMCHIP-CDBFN120-HF_12 Datasheet
95Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ5T30100-HF COMCHIP-CDBZ5T30100-HF Datasheet
610Kb / 4P
SMD Schottky Barrier Rectifiers
CDBZ630100-HF COMCHIP-CDBZ630100-HF Datasheet
725Kb / 4P
SMD Schottky Barrier Rectifiers
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com