Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMS03P06TL-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CMS03P06TL-HF
Description  MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CMS03P06TL-HF Datasheet(HTML) 1 Page - Comchip Technology

  CMS03P06TL-HF Datasheet HTML 1Page - Comchip Technology CMS03P06TL-HF Datasheet HTML 2Page - Comchip Technology CMS03P06TL-HF Datasheet HTML 3Page - Comchip Technology CMS03P06TL-HF Datasheet HTML 4Page - Comchip Technology CMS03P06TL-HF Datasheet HTML 5Page - Comchip Technology CMS03P06TL-HF Datasheet HTML 6Page - Comchip Technology CMS03P06TL-HF Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOSFET
RoHS Device
P-Channel
Halogen Free
Comchip Technology CO., LTD.
Features
- Low on resistance.
- Fast switching characteristic.
REV:A
Page 1
QW-JTR232
CMS03P06TL-HF
- Low gate charge.
Circuit Diagram
- G : Gate
- S : Source
- D : Drain
G
D
S
Mechanical data
- Case: SOT-23-3L, molded plastic.
- Mounting position: Any.
- Terminal: Solderable per MIL-STD-750,
method 2026.
Maximum Ratings (at TA=25°C unless otherwise noted)
Drain-source voltage
Gate-source voltage
Unit
Symbol
Parameter
VDS
VGS
Conditions
Value
Thermal resistance junction-ambient
RθJA
IDM
PD
PD
Total power dissipation
TA = 70°C (Note 1)
TA = 25°C (Note 1)
Pulsed drain current
Continuous drain current
VGS = -10V, TA = 25°C (Note 1)
VGS = -10V, TA = 70°C (Note 1)
(Note 1)
(Note 2)
ID
ID
-60
±20
-3.2
-2.6
-13
0.9
0.6
137
V
A
W
A
°C/W
Continuous body diode forward current
IS
TA = 25°C
-0.8
A
Pulsed body diode forward current
ISM
TA = 25°C
-3.2
A
TJ, TSTG
Operating junction and storage temperature range
-55 to +150
°C
Notes:
2. Repetitive rating, pulse width limited by junction temperature TJ(MAX)=150°C.
Ratings are based on low frequency and low duty cycles to keep initial TJ=25°C.
1. The value of RθJA is measured with the device mounted on 1 in² FR-4 board with 2oz. copper, in a still air environment with TA=25°C.
The power dissipation PD is based on RθJA and the maximum allowed junction temperature of 150°C.
The value in any given application depends on the user’s specific board design.
Dimensions in inches and (millimeter)
SOT-23-3L
D
G
S
0.067(1.70)
0.059(1.50)
0.119(3.02)
0.111(2.82)
0.079(2.00)
0.045(1.15)
0.041(1.05)
0.004(0.10)
0.000(0.00)
0.024(0.60)
0.008(0.20)
0.004(0.10)
0.116(2.95)
0.104(2.65)
0.020(0.50)
0.012(0.30)
0.012(0.30)
0.071(1.80)


Similar Part No. - CMS03P06TL-HF

ManufacturerPart #DatasheetDescription
logo
Comchip Technology
CMS03P06T6-HF COMCHIP-CMS03P06T6-HF Datasheet
544Kb / 7P
MOSFET
REV:A
More results

Similar Description - CMS03P06TL-HF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
183Kb / 4P
MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Solid States Devices, I...
F00129H SSDI-F00129H Datasheet
188Kb / 3P
MOSFET
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com