Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SM4792 Datasheet(PDF) 1 Page - Infinite Electronics International, Inc.

Part # SM4792
Description  SM4792 DATA SHEET MCX Plug to SMA Female Adapter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRVIEW [Infinite Electronics International, Inc.]
Direct Link  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.

SM4792 Datasheet(HTML) 1 Page - Infinite Electronics International, Inc.

  SM4792 Datasheet HTML 1Page - Infinite Electronics International, Inc. SM4792 Datasheet HTML 2Page - Infinite Electronics International, Inc. SM4792 Datasheet HTML 3Page - Infinite Electronics International, Inc. SM4792 Datasheet HTML 4Page - Infinite Electronics International, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
REV 2.1 Page 1 of 4
Copyright © 2016
MCX plug to SMA female adapter part number SM4792 from Fairview Microwave
is in-stock and ships same day. This Fairview MCX to SMA adapter has a plug to
female gender configuration. SM4792 MCX plug to SMA female adapter operates
to 6 GHz. The Fairview Microwave RF adapter provides good VSWR of 1.3:1
maximum.
RF adapters can be used to enable connections between two connector types
that would otherwise not mate. Certain RF adapter configurations can also be
used to protect connectors on expensive equipment where the number of connect
and disconnect cycles is high. An RF, microwave, or millimeter wave adapter is
connected to the equipment and the commonly changed connection is made with
the adapter which can be easily replaced when it wears out after high usage; such
adapters are referred to as connnector savers. Fairview Microwave also offers
bulkhead, panel mount, hermetically sealed, reverse polarity, and isolated ground
adapter varieties to serve all of your RF, microwave and millimeter wave needs.
Electrical Specifications
Description
Min
Typ
Max
Units
Frequency Range
DC
6
GHz
VSWR
1.3:1
Operating Voltage (AC)
335
Vrms
Electrical Specification Notes:
Values at 25°C, sea level.
Mechanical Specifications
Size
Length
0.909 in [23.09 mm]
Width
0.354 in [8.99 mm]
.
Weight
0.0135 lbs [6.12 g]
Description
Connector 1
Connector 2
Type
MCX Plug
SMA Female
Polarity
Standard
Standard
Interface Specification
MIL-STD-348A
MIL-STD-348A
Mating Cycles
500
500
MCX Plug to SMA Female Adapter
Fairview Microwave
1130 Junction Dr. #100
Allen, TX 75013
Tel: 1-800-715-4396 / (972) 649-6678
Fax: (972) 649-6689
www.fairviewmicrowave.com
sales@fairviewmicrowave.com
Configuration:
•MCX Plug Connector 1
•SMA Female Connector 2
•50 Ohms
•Straight Body Geometry
Features:
• VSWR of 1.3:1 max up to 6 GHz
• MCX interface meets
MIL-STD-348A
• SMA interface meets
MIL-STD-348A
• 50 µin minimum contact plating
• Gold Plated Beryllium
Copper Contact
Applications:
• Enables Between Series
Connections
• General Purpose Test
SM4792
DATA SHEET


Similar Part No. - SM4792

ManufacturerPart #DatasheetDescription
logo
Infinite Electronics In...
SM4796 FAIRVIEW-SM4796 Datasheet
484Kb / 4P
SM4796 DATA SHEET MCX Jack to SMA Male Adapter
REV 2.1
More results

Similar Description - SM4792

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE9463 PASTERNACK-PE9463 Datasheet
248Kb / 2P
N Female to MCX Plug Adapter
PE9467 PASTERNACK-PE9467 Datasheet
240Kb / 2P
MCX Plug to BNC Female Adapter
PE9470 PASTERNACK-PE9470 Datasheet
239Kb / 2P
SMA Female to MCX Jack Adapter
PE9471 PASTERNACK-PE9471 Datasheet
240Kb / 2P
SMA Female to MCX Plug Adapter
PE9473 PASTERNACK-PE9473 Datasheet
247Kb / 2P
SMA Male to MCX Plug Adapter
PE9479 PASTERNACK-PE9479 Datasheet
246Kb / 2P
MCX Plug to MCX Jack Adapter
PE9545 PASTERNACK-PE9545 Datasheet
246Kb / 2P
TNC Female to MCX Plug Adapter
logo
Linx Technologies
ADP-SMAF-MCXM LINX-ADP-SMAF-MCXM Datasheet
348Kb / 2P
ADAPTER, SMA JACK (FEMALE SOCKET) TO MCX PLUG (MALE PIN)
ADP-SMAM-MCXF LINX-ADP-SMAM-MCXF Datasheet
346Kb / 2P
ADAPTER, SMA PLUG (MALE PIN) TO MCX JACK (FEMALE SOCKET)
ADP-SMAM-MCXM LINX-ADP-SMAM-MCXM Datasheet
338Kb / 2P
ADAPTER, SMA PLUG (MALE PIN) TO MCX PLUG (MALE PIN)
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com