Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

COP8TAB9 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # COP8TAB9
Description  8-Bit CMOS Flash Microcontroller with 2k Byte or 4k Byte Memory
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

COP8TAB9 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  COP8TAB9 Datasheet HTML 1Page - National Semiconductor (TI) COP8TAB9 Datasheet HTML 2Page - National Semiconductor (TI) COP8TAB9 Datasheet HTML 3Page - National Semiconductor (TI) COP8TAB9 Datasheet HTML 4Page - National Semiconductor (TI) COP8TAB9 Datasheet HTML 5Page - National Semiconductor (TI) COP8TAB9 Datasheet HTML 6Page - National Semiconductor (TI) COP8TAB9 Datasheet HTML 7Page - National Semiconductor (TI) COP8TAB9 Datasheet HTML 8Page - National Semiconductor (TI) COP8TAB9 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 59 page
background image
3.0 Block Diagram
20047501
4.0 Ordering Information
Part Numbering Scheme
COP8
TA
C
9
H
LQ
8
Family and
Feature Set
Indicator
Program
Memory
Size
Program
Memory
Type
No. Of Pins
Package
Type
Temperature
B=2k
C=4k
5 = Masked ROM
9 = Flash
C=20Pin
E=28Pin
H=44Pin
LQ = LLP
MW = SOIC WIDE
8 = -40 to +85˚C
Note: The user, utilizing the COP8TAx9 Flash based devices during devel-
opment for applications to be produced using the COP8TAx5 ROM
devices, is cautioned to ensure that code contains NO calls to Boot
ROM functions prior to submission for ROM generation. Instances of
the JSRB instruction in ROM based devices will be executed as a JSR
instruction to a location in the first 256 bytes of Program Memory.
Flash and ROM devices are not 100% identical. The execution of the
JSRB instruction is an example of the potential differences between
the devices. For this reason, the user is strongly advised to obtain a
masked ROM prototype devices before committing to production
quantities. This will allow the user to ensure there are no unexpected
differences between Flash an ROM devices within the application.
www.national.com
2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com