Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCF4066BEY Datasheet(PDF) 1 Page - STMicroelectronics

Part # HCF4066BEY
Description  QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

HCF4066BEY Datasheet(HTML) 1 Page - STMicroelectronics

  HCF4066BEY Datasheet HTML 1Page - STMicroelectronics HCF4066BEY Datasheet HTML 2Page - STMicroelectronics HCF4066BEY Datasheet HTML 3Page - STMicroelectronics HCF4066BEY Datasheet HTML 4Page - STMicroelectronics HCF4066BEY Datasheet HTML 5Page - STMicroelectronics HCF4066BEY Datasheet HTML 6Page - STMicroelectronics HCF4066BEY Datasheet HTML 7Page - STMicroelectronics HCF4066BEY Datasheet HTML 8Page - STMicroelectronics HCF4066BEY Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
March 2004
s
15V DIGITAL OR ± 7.5V PEAK TO PEAK
SWITCHING
s
125
Ω TYPICAL ON RESISTANCE FOR 15V
OPERATION
s
SWITCH ON RESISTANCE MATCHED TO
WITHIN 5
Ω TYP. OVER 15V SIGNAL INPUT
RANGE
s
ON RESISTANCE FLAT OVER FULL PEAK
TO PEAK SIGNAL RANGE
s
HIGH ON/OFF OUTPUT VOLTAGE RATIO:
65dB TYP. at fIS = 10KHz, RL = 10KΩ
s
HIGH DEGREE OF LINEARITY: < 0.5%
DISTORTION TYP. at fIS =1KHz, VIS =5Vpp,
VDD -VSS > 10V, RL = 10KΩ
s
EXTREMELY LOW OFF SWITCH LEAKAGE
RESULTING IN VERY LOW OFFSET
CURRENT AND HIGH EFFECTIVE OFF
RESISTANCE: 10pA TYP.
at VDD -VSS =10V, Tamb = 25°C
s
EXTREMELY HIGH CONTROL INPUT
IMPEDANCE (control circuit isolated from
signal circuit 1012
Ω typ.)
s
LOW CROSSTALK BETWEEN SWITCHES:
50dB Typ. at fIS =0.9MHz, RL =1KΩ
s
MATCHED CONTROL - INPUT TO SIGNAL
OUTPUT CAPACITANCE: REDUCES
OUTPUT SIGNAL TRANSIENTS
s
FREQUENCY RESPONSE SWITCH ON:
40MHz (Typ.)
s
QUIESCENT CURRENT SPECIF. UP TO 20V
s
5V, 10V AND 15V PARAMETRIC RATINGS
s
INPUT LEAKAGE CURRENT
II = 100nA (MAX) AT VDD =18V TA = 25°C
s
100% TESTED FOR QUIESCENT CURRENT
DESCRIPTION
The HCF4066B is a monolithic integrated circuit
fabricated
in
Metal
Oxide
Semiconductor
technology available in DIP and SOP packages.
The HCF4066B is a QUAD BILATERAL SWITCH
intended for the transmission or multiplexing of
analog or digital signals.
It is pin for pin compatible with HCF4016B, but
exhibits a much lower ON resistance. In addition,
the ON resistance is relatively constant over the
full input signal range. The HCF4066B consists of
four independent bilateral switches. A single
control signal is required per switch. Both the p
HCF4066B
QUAD BILATERAL SWITCH FOR TRANSMISSION OR
MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
PIN CONNECTION
ORDER CODES
PACKAGE
TUBE
T & R
DIP
HCF4066BEY
SOP
HCF4066BM1
HCF4066M013TR
DIP
SOP


Similar Part No. - HCF4066BEY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCF4066BEY STMICROELECTRONICS-HCF4066BEY Datasheet
266Kb / 11P
OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS QUAD BILATERAL SWITCH FOR TRANSMISSION
Jun-1989
HCF4066BEY STMICROELECTRONICS-HCF4066BEY Datasheet
77Kb / 9P
QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
Sep-2001
More results

Similar Description - HCF4066BEY

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
HCC4066B STMICROELECTRONICS-HCC4066B Datasheet
266Kb / 11P
OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS QUAD BILATERAL SWITCH FOR TRANSMISSION
Jun-1989
HCF4066B STMICROELECTRONICS-HCF4066B Datasheet
77Kb / 9P
QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
Sep-2001
logo
Toshiba Semiconductor
TC74HC4066AP TOSHIBA-TC74HC4066AP Datasheet
278Kb / 6P
QUAD BILATERAL SWITCH
logo
Micro Electronics
MMC4066 MICRO-ELECTRONICS-MMC4066 Datasheet
146Kb / 4P
QUAD BILATERAL SWITCH FOR TRANSMISSION OR MULTIPLEXING OF ANALOG OR DIGITAL SIGNALS
logo
Estek Electronics Co. L...
IW4066B ESTEK-IW4066B Datasheet
122Kb / 6P
A quad bilateral switch intended for the transmission or multiplexing of analog or digital signals
logo
ON Semiconductor
NLX2G66 ONSEMI-NLX2G66 Datasheet
162Kb / 12P
Dual Bilateral Analog Switch / Digital Multiplexer
January, 2013 ??Rev. 1
logo
Texas Instruments
THS1009 TI1-THS1009_14 Datasheet
310Kb / 31P
Simultaneous Sampling of Two Single-Ended Signals or One Differential Signals or Combination of Both
logo
ON Semiconductor
NLX2G66 ONSEMI-NLX2G66_16 Datasheet
113Kb / 11P
Dual Bilateral Analog Switch / Digital Multiplexer
May, 2016 ??Rev. 5
logo
PHOENIX CONTACT
2688080 PHOENIX-2688080 Datasheet
122Kb / 6P
8 analog, bipolar output channels for the connection of either voltage or current signals
2702153 PHOENIX-2702153 Datasheet
131Kb / 6P
4 analog output channels for the connection of either voltage or current signals
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com