Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z08-100PC1 Datasheet(PDF) 17 Page - STMicroelectronics

Part # M48Z08-100PC1
Description  64 Kbit 8Kb x 8 ZEROPOWER SRAM
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z08-100PC1 Datasheet(HTML) 17 Page - STMicroelectronics

Back Button M48Z08-100PC1 Datasheet HTML 10Page - STMicroelectronics M48Z08-100PC1 Datasheet HTML 11Page - STMicroelectronics M48Z08-100PC1 Datasheet HTML 12Page - STMicroelectronics M48Z08-100PC1 Datasheet HTML 13Page - STMicroelectronics M48Z08-100PC1 Datasheet HTML 14Page - STMicroelectronics M48Z08-100PC1 Datasheet HTML 15Page - STMicroelectronics M48Z08-100PC1 Datasheet HTML 16Page - STMicroelectronics M48Z08-100PC1 Datasheet HTML 17Page - STMicroelectronics M48Z08-100PC1 Datasheet HTML 18Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
SHZP-B
A1
A
D
E
eB
A2
B
L
A3
Symb
mm
inches
Typ
Min
Max
Typ
Min
Max
A
10.54
0.415
A1
8.00
8.51
0.315
0.335
A2
7.24
8.00
0.285
0.315
A3
0.38
0.015
B
0.46
0.56
0.018
0.022
D
21.21
21.84
0.835
0.860
E
17.27
18.03
0.680
0.710
eB
3.20
3.61
0.126
0.142
L
2.03
2.29
0.080
0.090
SH - 2-pin SNAPHAT Housing for 130 mAh Battery
Drawing not to scale.
17/18
M48Z08, M48Z18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com