Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMS65P10D2-HF Datasheet(PDF) 1 Page - Comchip Technology

Part # CMS65P10D2-HF
Description  MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COMCHIP [Comchip Technology]
Direct Link  http://www.comchiptech.com
Logo COMCHIP - Comchip Technology

CMS65P10D2-HF Datasheet(HTML) 1 Page - Comchip Technology

  CMS65P10D2-HF Datasheet HTML 1Page - Comchip Technology CMS65P10D2-HF Datasheet HTML 2Page - Comchip Technology CMS65P10D2-HF Datasheet HTML 3Page - Comchip Technology CMS65P10D2-HF Datasheet HTML 4Page - Comchip Technology CMS65P10D2-HF Datasheet HTML 5Page - Comchip Technology CMS65P10D2-HF Datasheet HTML 6Page - Comchip Technology CMS65P10D2-HF Datasheet HTML 7Page - Comchip Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
MOSFET
RoHS Device
P-Channel
Halogen Free
Comchip Technology CO., LTD.
Features
- Low on resistance.
- Fast switching characteristic.
REV:A
Page 1
QW-JTR234
CMS65P10D2-HF
- Low gate charge.
Circuit Diagram
Mechanical data
- Case: TO-263, molded plastic.
- Mounting position: Any.
- Terminal: Solderable per MIL-STD-750,
method 2026.
Maximum Ratings (at TA=25°C unless otherwise noted)
Gate-source voltage
Unit
Symbol
Parameter
VDS
VGS
ID
V
V
A
Continuous drain current (Note 1)
VGS = -10V, TC = 25°C
Limits
-100
Drain-source voltage
±20
-65
-16
Pulsed drain current (Note 3)
IDM
A
PD
W
Total power dissipation (Note 1)
-260
-60
180
TJ, TSTG
°C
Operating junction and storage temperature range
-55 to +150
VGS = -10V, TA = 25°C
VGS = -10V, TA = 70°C
-13
IAS
Continuous body diode forward current @ TC = 25°C (Note 1)
-65
TC = 100°C
TA = 70°C
TA = 25°C
125
50
A
Avalanche current
@ L=0.1mH
EAS
mJ
5
TC = 25°C
IS
Continuous drain current (Note 2)
VGS = -10V, TC = 100°C
-41
Total power dissipation (Note 2)
Avalanche energy
@ L=0.5mH
A
7.8
G
S
D
- G: Gate
- S: Source
- D: Drain
Dimensions in inches and (millimeters)
TO-263
0.196(4.98)
0.350(8.90)
0.335(8.50)
0.406(10.31)
0.394(10.01)
0.184(4.67)
0.185(4.70)
0.056(1.42)
0.044(1.12)
0.215(5.45)
0.195(4.95)
0.204(5.18)
0.610(15.50)
0.588(14.94)
0.067(1.70)
0.051(1.30)
0.054(1.37)
0.046(1.17)
0.021(0.530)
0.015(0.381)
0.271(6.88)
0.231(5.88)
0.337(8.562)
0.298(7.562)
0.006(0.15)
0.000(0.00)
0.100(2.54)
Typ.
0.036(0.91)
0.028(0.71)
0.054(1.37)
0.046(1.17)
0.108(2.74)
0.092(2.34)
G
D
S


Similar Part No. - CMS65P10D2-HF

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CMS65 SUMIDA-CMS65 Datasheet
153Kb / 1P
General Power Transformers
More results

Similar Description - CMS65P10D2-HF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRL3714PBF IRF-IRL3714PBF Datasheet
237Kb / 12P
SMPS MOSFET HEXFET짰Power MOSFET
IRF6217PBF IRF-IRF6217PBF Datasheet
125Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
IRF3708PBF IRF-IRF3708PBF Datasheet
282Kb / 11P
SMPS MOSFET HEXFET짰Power MOSFET
IRFP17N50LPBF IRF-IRFP17N50LPBF Datasheet
188Kb / 8P
SMPS MOSFET HEXFET짰Power MOSFET
logo
Comchip Technology
2N7002-G COMCHIP-2N7002-G Datasheet
183Kb / 4P
MOSFET
logo
ON Semiconductor
NTMS4937N ONSEMI-NTMS4937N Datasheet
142Kb / 5P
Power MOSFET Power MOSFET
September, 2009 ??Rev. 0
logo
Solid States Devices, I...
F00129H SSDI-F00129H Datasheet
188Kb / 3P
MOSFET
logo
Comchip Technology
BSS138-G COMCHIP-BSS138-G Datasheet
141Kb / 5P
MOSFET
logo
ON Semiconductor
NTP35N15G ONSEMI-NTP35N15G Datasheet
161Kb / 7P
Power MOSFET Power MOSFET
May, 2010 ??Rev. 4
logo
Infineon Technologies A...
IRL40T209 INFINEON-IRL40T209 Datasheet
1Mb / 11P
MOSFET IR MOSFET - StrongIRFETª
Rev. 2.0, 2018-05-05
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com