Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M491B Datasheet(PDF) 12 Page - STMicroelectronics

Part # M491B
Description  SINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM WITH 1 ANALOG CONTROL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M491B Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M491B Datasheet HTML 8Page - STMicroelectronics M491B Datasheet HTML 9Page - STMicroelectronics M491B Datasheet HTML 10Page - STMicroelectronics M491B Datasheet HTML 11Page - STMicroelectronics M491B Datasheet HTML 12Page - STMicroelectronics M491B Datasheet HTML 13Page - STMicroelectronics M491B Datasheet HTML 14Page - STMicroelectronics M491B Datasheet HTML 15Page - STMicroelectronics M491B Datasheet HTML 16Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
SEARCH MODES
4 modes are available :
a) Automatic search
(digiatl AFT)
b) Automatic preset
c) Manual up/down (digital and linear AFT)
d) Manual up/down (linear AFT)
a) AUTOMATIC SEARCH. The search starts from
the actual tuning and band position. During the
search the tuning voltage is always changing from
lower to higher voltage levels. When the end of the
band is reached the search restarts from the begin-
ning of the next band after a 480 ms interruption
with the sequence of step-by-step band selection.
Disabled bands are automatically skipped.
The search is stopped when the first station is
found or if a channel selection command is given.
Stop of the automatic search is determined by the
STOP/AFT inputs controlled by the TDA4433 which
converts the AFC-S-curve into an up/down com-
mand.
At the end of the search the up/down command
controls the correct tuning acting on the counter of
the voltage synthesizer (Digital AFT).
It is important to call the attention to the Digital AFT
capture range which is larger than the normal linear
AFT as shown in fig. 14.
LINEAR AFT
CAPTURE RANGE
DIGITAL AFT
CAPTURE RANGE
Figure 14
Additionally the use of the Digital AFT allows stor-
age of the tuning information corresponding to the
zero point of the AFC-S-curve. This cannot be
guaranteed using the Linear AFT method only. The
latter is a cheaper system, because it does not
require the use of the TDA4433 but it cannot guar-
antee what described above.
As a result of the use of the Digital AFT, the require-
ments for stability of the tuner, of the reference
voltage source and of stability of the D/A converter
are less critical.
Tuning speed in automatic search, if no station is
found is :
VHF I
8 second
VHF III
8 second
UHF
32 second
CATV
32 second
The tuning and band information can be stored
using the store/memory addressing command.
The search can be stopped by a memory selection
command.
b) AUTOMATIC PRESET. The search starts from
the lowest memory address, tuning voltage and
VHF I band as described in automatic search
mode.
When an active station is encountered, the corre-
sponding tuning and band information is automat-
ically stored in the Non-Volatile Memory.
Afterwards the system starts to search for the next
station. The cycle is repeated until all bands have
been scanned or the tuning information has been
stored into all address locations. After completing
this cycle the system reads out the tuning informa-
tion of the lowest address.
c) MANUAL UP/DOWN WITH DIGITAL AND LIN-
EAR AFT (pin 17 at VDD). Holding one of these
commands pressed, the tuning voltage is in-
creased or decreased.
During this operation, the Digital AFT is automat-
ically defeated and can only be reconnected with
the ”AFT on” command or by an Automatic search
or preset command.
The search speed is kept at minimum (there is no
increment with the time)
Band
Sweep Timefor the
Complete Band
Number of Tuning
Steps/Second
VHF I
VHF III
UHF
CATV
seconds
128 seconds
128 seconds
512 seconds
512
16
64
64
16
In case of command received from remote control,
the counter is increased/decreased every two re-
ceived commands.
No band switching is provided at the upper or lower
tuning positions.
The volume is automatically muted 3 second after
the key pressure is immediately restored at the
release of the key.
d) MANUAL UP/DOWN WITH LINEAR AFT (pin 17
at VSS). When this control is used the Digital AFT
is disabled.
The Linear AFT output goes low after an up or down
command is issued and remains Low for 1 second
after the release of the key.
M491B
12/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com