Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M491B1 Datasheet(PDF) 9 Page - STMicroelectronics

Part # M491B1
Description  SINGLE-CHIP VOLTAGE SYNTHESIS TUNING SYSTEM WITH 1 ANALOG CONTROL
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M491B1 Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M491B1 Datasheet HTML 5Page - STMicroelectronics M491B1 Datasheet HTML 6Page - STMicroelectronics M491B1 Datasheet HTML 7Page - STMicroelectronics M491B1 Datasheet HTML 8Page - STMicroelectronics M491B1 Datasheet HTML 9Page - STMicroelectronics M491B1 Datasheet HTML 10Page - STMicroelectronics M491B1 Datasheet HTML 11Page - STMicroelectronics M491B1 Datasheet HTML 12Page - STMicroelectronics M491B1 Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 16 page
background image
M491B Pin 12
TDA4433 Pin 2
M491 B Pin 13
TDA4433 Pin 6
Function
(referred to the tuning voltage)
H
L
L
H
L
H
L
H
Up
Down
Middle
No Operation
These pins work according to the truth table given below :
These inputs have two different functions depend-
ing on whether the system is in the search or in
normal operation (AFT control).
The inputs have internal pull-up resistors of 30k
Ω
typ.
A) Search mode : after depressing the Automatic
search or preset keys, the levels of the signals
coming from the TDA4433, applied to these
pins, control the search function and determine
when the search must stop, i.e. a TV stationhas
been recognized.
The circuit operates in the following sequence
(see Figure 10 for reference) :
1 - after pressing the search start key the
search occurs in the FAST UP mode.
2 - eventual transitions available on these
inputs are ignored during the first 15 search
steps if the system is in the UHF or CATV
bands.
If the system operates in VHF I and III bands,
the first 60 search steps are ignored. The
acceptance delay of 15 (60) search steps has
been introduced to prevent the system from
stopping at the previous station.
Aft er this time the FAST UP speed is
automatically reduced to half during each UP
signal (MEDIUM UP = FAST UP/2).
A DOWN signal preceded by at least an UP
signal will set the search to MEDIUM DOWN
mode (FAST UP/4).
3 - the next UP signal will switch the search to
SLOW UP speed (61Hz).
At this point the systems is in normal AFT
operation.
B) Digital AFT operation : when a station is
perfectly tuned, the input signals coming from
TDA4433 are at middle condition.
If the tuning moves lower than the threshold
below 38.9MHz, the Pin 12 is put H and Pin 13
is put L ; the 13 bit internal counter is moved
SLOW UP speed to increase the varicap
voltage.
When a detuning occurs in the opposite
direction the input 12 goes Low and 13 goes
High and the tuning voltage falls at VERY
SLOW DOWN speed (7.6Hz).
The increase or decrease of the tuning voltage
is stopped as soon as the input returns to
middle conditions.
Therefore during normal operation Pins 12 and
13 act as digital AFT control commands.
C) Recall from memory : when the digital AFT is
enabled and data is recalled from Memory, a
fixed value of 8 steps (
≈ 31.2mV) is subtracted
from the tuning voltage.
This corresponds to a detuning of 0.6MHz
(UHF) and of 0.3MHz in VHF III into that part of
the IF response curve which corresponds to the
fully transmitted sideband.
At this point the AFT operation takes over as
described in point B above and the exact tuning
is achieved in about 0.2 sec.
This feature increases the AFT capture range
and fullfills the stability requirements of the
tu ne r, vol tage refere nces and the D/A
converter.
If the Digital AFT is disabled (Pin 17 at VSS), the
memory content is read without any change.
M491B
9/16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com