Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HT-328 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # HT-328
Description  Cable Tie Gun
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

HT-328 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  HT-328 Datasheet HTML 1Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
www.element14.com
www.farnell.com
www.newark.com
www.cpc.co.uk
www.mcmelectronics.com
Page <1>
V1.0
13/06/12
Cable Tie Gun
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the Premier Farnell group of companies (the “Group”) or are licensed to it. No licence is granted
for the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness, any
error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make any
assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or where the
Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its negligence.
DURATOOL is the registered trademark of the Group. © Premier Farnell plc 2012.
Specifications:
•  Fasten and automatic cut ties
•  With adjustable bundling pressure
•  TPR trigger handle
•  For cable tie thickness up to 1.3mm
•  Width up to 4.6mm
Description
Part Number
Cable Tie Gun
HT-328
Part Number Table


Similar Part No. - HT-328

ManufacturerPart #DatasheetDescription
logo
Teccor Electronics
HT-32 TECCOR-HT-32 Datasheet
555Kb / 4P
Bilateral Trigger Diacs
HT-32A TECCOR-HT-32A Datasheet
555Kb / 4P
Bilateral Trigger Diacs
HT-32B TECCOR-HT-32B Datasheet
555Kb / 4P
Bilateral Trigger Diacs
More results

Similar Description - HT-328

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
151-28349 ETC2-151-28349 Datasheet
102Kb / 1P
Cable Tie Mount s
DCT300V ETC2-DCT300V Datasheet
127Kb / 1P
XCELITE DATA COM CABLE TIE GUN, CARDED
481-0200 ETC2-481-0200 Datasheet
113Kb / 2P
Screw Mount Cable Tie
561-N3500 ETC2-561-N3500 Datasheet
184Kb / 2P
Nylon Wire Cable Tie
561-TA00600 ETC2-561-TA00600 Datasheet
134Kb / 2P
Cable Tie Holders
561-TA250125 ETC2-561-TA250125 Datasheet
140Kb / 2P
Cable Tie Mount
logo
Molex Electronics Ltd.
19294-0002 MOLEX11-19294-0002 Datasheet
29Kb / 1P
Economy Cable Tie Tool
logo
OEN India Limited
04-04BD9 OENINDIA-04-04BD9 Datasheet
342Kb / 1P
Beaded Nylon Cable Tie
04-TG1 OENINDIA-04-TG1 Datasheet
54Kb / 1P
Tie Gun
logo
Lapp.
62120321 LAPP-62120321 Datasheet
101Kb / 1P
Cable Tie Tool BASIC
02.05.2018
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com