Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M48Z512ACS Datasheet(PDF) 9 Page - STMicroelectronics

Part # M48Z512ACS
Description  4 Mbit 512Kb x8 ZEROPOWER SRAM
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M48Z512ACS Datasheet(HTML) 9 Page - STMicroelectronics

Back Button M48Z512ACS Datasheet HTML 5Page - STMicroelectronics M48Z512ACS Datasheet HTML 6Page - STMicroelectronics M48Z512ACS Datasheet HTML 7Page - STMicroelectronics M48Z512ACS Datasheet HTML 8Page - STMicroelectronics M48Z512ACS Datasheet HTML 9Page - STMicroelectronics M48Z512ACS Datasheet HTML 10Page - STMicroelectronics M48Z512ACS Datasheet HTML 11Page - STMicroelectronics M48Z512ACS Datasheet HTML 12Page - STMicroelectronics M48Z512ACS Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 17 page
background image
9/17
M48Z512A, M48Z512AY
WRITE MODE
The M48Z512A/512AY is in the Write Mode when-
ever W and E are active. The start of a write is ref-
erenced from the latter occurring falling edge of W
or E. A write is terminated by the earlier rising edge
of W or E.
The addresses must be held valid throughout the
cycle. E or W must return high for a minimum of tE-
Table 10. Write Mode AC Characteristics
(TA = 0 to 70 °C; VCC = 4.75V to 5.5V or 4.5V to 5.5V)
Note: 1. CL = 5pF.
2. If E goes low simultaneously with W going low, the outputs remain in the high impedance state.
Symbol
Parameter
M48Z512A/M48Z512AY
Unit
-70
-85
Min
Max
Min
Max
tAVAV
Write Cycle Time
70
85
ns
tAVWL
Address Valid to Write Enable Low
0
0
ns
tAVEL
Address Valid to Chip Enable Low
0
0
ns
tWLWH
Write Enable Pulse Width
55
65
ns
tELEH
Chip Enable Low to Chip Enable High
55
75
ns
tWHAX
Write Enable High to Address Transition
5
5
ns
tEHAX
Chip Enable High to Address Transition
15
15
ns
tDVWH
Input Valid to Write Enable High
30
35
ns
tDVEH
Input Valid to Chip Enable High
30
35
ns
tWHDX
Write Enable High to Input Transition
0
0
ns
tEHDX
Chip Enable High to Input Transition
10
10
ns
tWLQZ
(1, 2)
Write Enable Low to Output Hi-Z
25
30
ns
tAVWH
Address Valid to Write Enable High
65
75
ns
tAVEH
Address Valid to Chip Enable High
65
75
ns
tWHQX
(1, 2)
Write Enable High to Output Transition
5
5
ns
HAX from E or tWHAX from W prior to the initiation
of another read or write cycle. Data-in must be val-
id tDVEH or tDVWH prior to the end of write and re-
main valid for tEHDX or tWHDX afterward. G should
be kept high during write cycles to avoid bus con-
tention; although, if the output bus has been acti-
vated by a low on E and G, a low on W will disable
the outputs tWLQZ after W falls.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com