Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50FW002K Datasheet(PDF) 5 Page - STMicroelectronics

Part # M50FW002K
Description  2 Mbit 256Kb x8, Boot Block 3V Supply Firmware Hub Flash Memory
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW002K Datasheet(HTML) 5 Page - STMicroelectronics

  M50FW002K Datasheet HTML 1Page - STMicroelectronics M50FW002K Datasheet HTML 2Page - STMicroelectronics M50FW002K Datasheet HTML 3Page - STMicroelectronics M50FW002K Datasheet HTML 4Page - STMicroelectronics M50FW002K Datasheet HTML 5Page - STMicroelectronics M50FW002K Datasheet HTML 6Page - STMicroelectronics M50FW002K Datasheet HTML 7Page - STMicroelectronics M50FW002K Datasheet HTML 8Page - STMicroelectronics M50FW002K Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 39 page
background image
5/39
M50FW002
Figure 3. Logic Diagram (FWH Interface)
Table 1. Signal Names (FWH Interface)
Figure 4. Logic Diagram (A/A Mux Interface)
Table 2. Signal Names (A/A Mux Interface)
FWH0-FWH3
Input/Output Communications
FWH4
Input Communication Frame
ID0-ID3
Identification Inputs
FGPI0-FGPI4
General Purpose Inputs
IC
Interface Configuration
RP
Interface Reset
INIT
CPU Reset
CLK
Clock
TBL
Top Block Lock
WP
Write Protect
RFU
Reserved for Future Use. Leave
disconnected
VCC
Supply Voltage
VPP
Optional Supply Voltage for Fast
Erase Operations
VSS
Ground
NC
Not Connected Internally
AI05747
4
FWH4
FWH0-
FWH3
VCC
M50FW002
CLK
VSS
4
IC
RP
TBL
5
INIT
WP
ID0-ID3
FGPI0-
FGPI4
VPP
IC
Interface Configuration
A0-A10
Address Inputs
DQ0-DQ7
Data Inputs/Outputs
G
Output Enable
W
Write Enable
RC
Row/Column Address Select
RB
Ready/Busy Output
RP
Interface Reset
VCC
Supply Voltage
VPP
Optional Supply Voltage for Fast
Program and Fast Erase Operations
VSS
Ground
NC
Not Connected Internally
AI05748
11
RC
DQ0-DQ7
VCC
M50FW002
IC
VSS
8
G
W
RB
RP
A0-A10
VPP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com