Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M50FW040K Datasheet(PDF) 12 Page - STMicroelectronics

Part # M50FW040K
Description  4 Mbit 512Kb x8, Uniform Block 3V Supply Firmware Hub Flash Memory
PDF  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M50FW040K Datasheet(HTML) 12 Page - STMicroelectronics

Back Button M50FW040K Datasheet HTML 8Page - STMicroelectronics M50FW040K Datasheet HTML 9Page - STMicroelectronics M50FW040K Datasheet HTML 10Page - STMicroelectronics M50FW040K Datasheet HTML 11Page - STMicroelectronics M50FW040K Datasheet HTML 12Page - STMicroelectronics M50FW040K Datasheet HTML 13Page - STMicroelectronics M50FW040K Datasheet HTML 14Page - STMicroelectronics M50FW040K Datasheet HTML 15Page - STMicroelectronics M50FW040K Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 41 page
background image
M50FW040
12/41
subset of the features available to the Firmware
Hub (FWH) Interface are available; these include
all the Commands but exclude the Security fea-
tures and other registers.
The following operations can be performed using
the appropriate bus cycles: Bus Read, Bus Write,
Output Disable and Reset.
When the Address/Address Multiplexed (A/A Mux)
Interface is selected all the blocks are unprotect-
ed. It is not possible to protect any blocks through
this interface.
Bus Read. Bus Read operations are used to out-
put the contents of the Memory Array, the Elec-
tronic Signature and the Status Register. A valid
Bus Read operation begins by latching the Row
Address and Column Address signals into the
memory using the Address Inputs, A0-A10, and
the Row/Column Address Select RC. Then Write
Enable (W) and Interface Reset (RP) must be
High, VIH, and Output Enable, G, Low, VIL, in order
to perform a Bus Read operation. The Data Inputs/
Outputs will output the value, see Figure 14., A/A
Mux Interface Read AC Waveforms, and Table
22., A/A Mux Interface Read AC Characteristics,
for details of when the output becomes valid.
Bus Write. Bus Write operations write to the
Command Interface. A valid Bus Write operation
begins by latching the Row Address and Column
Address signals into the memory using the Ad-
dress Inputs, A0-A10, and the Row/Column Ad-
dress Select RC. The data should be set up on the
Data Inputs/Outputs; Output Enable, G, and Inter-
face Reset, RP, must be High, VIH and Write En-
able, W, must be Low, VIL. The Data Inputs/
Outputs are latched on the rising edge of Write En-
able, W. See Figure 15., A/A Mux Interface Write
AC Waveforms, and Table 23., A/A Mux Interface
Write AC Characteristics, for details of the timing
requirements.
Output Disable. The data outputs are high-im-
pedance when the Output Enable, G, is at VIH.
Reset. During Reset mode all internal circuits are
switched off, the memory is deselected and the
outputs are put in high-impedance. The memory is
in Reset mode when RP is Low, VIL. RP must be
held Low, VIL for tPLPH. If RP is goes Low, VIL, dur-
ing a Program or Erase operation, the operation is
aborted and the memory cells affected no longer
contain valid data; the memory can take up to tPL-
RH to abort a Program or Erase operation.
Table 4. FWH Bus Read Field Definitions
Clock
Cycle
Number
Clock
Cycle
Count
Field
FWH0-
FWH3
Memory
I/O
Description
1
1
START
1101b
I
On the rising edge of CLK with FWH4 Low, the contents of FWH0-
FWH3 indicate the start of a FWH Read cycle.
2
1
IDSEL
XXXX
I
Indicates which FWH Flash Memory is selected. The value on FWH0-
FWH3 is compared to the IDSEL strapping on the FWH Flash
Memory pins to select which FWH Flash Memory is being addressed.
3-9
7
ADDR
XXXX
I
A 28-bit address phase is transferred starting with the most significant
nibble first.
10
1
MSIZE
0000b
I
Always 0000b (only single byte transfers are supported).
11
1
TAR
1111b
I
The host drives FWH0-FWH3 to 1111b to indicate a turnaround cycle.
12
1
TAR
1111b
(float)
O
The FWH Flash Memory takes control of FWH0-FWH3 during this
cycle.
13-14
2
WSYNC
0101b
O
The FWH Flash Memory drives FWH0-FWH3 to 0101b (short wait-
sync) for two clock cycles, indicating that the data is not yet available.
Two wait-states are always included.
15
1
RSYNC
0000b
O
The FWH Flash Memory drives FWH0-FWH3 to 0000b, indicating
that data will be available during the next clock cycle.
16-17
2
DATA
XXXX
O
Data transfer is two CLK cycles, starting with the least significant
nibble.
18
1
TAR
1111b
O
The FWH Flash Memory drives FWH0-FWH3 to 1111b to indicate a
turnaround cycle.
19
1
TAR
1111b
(float)
N/A
The FWH Flash Memory floats its outputs, the host takes control of
FWH0-FWH3.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com