Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KB1365 Datasheet(PDF) 1 Page - Kingbor Technology Co

Part # KB1365
Description  2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBOR [Kingbor Technology Co]
Direct Link  http://www.kingbor.com
Logo KINGBOR - Kingbor Technology Co

KB1365 Datasheet(HTML) 1 Page - Kingbor Technology Co

  KB1365 Datasheet HTML 1Page - Kingbor Technology Co KB1365 Datasheet HTML 2Page - Kingbor Technology Co KB1365 Datasheet HTML 3Page - Kingbor Technology Co KB1365 Datasheet HTML 4Page - Kingbor Technology Co KB1365 Datasheet HTML 5Page - Kingbor Technology Co KB1365 Datasheet HTML 6Page - Kingbor Technology Co KB1365 Datasheet HTML 7Page - Kingbor Technology Co KB1365 Datasheet HTML 8Page - Kingbor Technology Co KB1365 Datasheet HTML 9Page - Kingbor Technology Co  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
• High-Side Current Sense
• 20kHz Maximum Dimming Frequency
• Hysteretic Control: No Compensation
• Dedicated Dimming Control Input
• Up to 2MHz Switching Frequency
• Adjustable Constant LED Current
• Up to 5A Constant Current Output
• 5V, 10mA On-Board Regulator
• -40
to +125
Operating Temperature Range
• SOT23-6 package
• MR16 and Other LED Bulbs
• Power Led driver
• Constant Current Source
The KB1365, step-down constant-current high-brightness
LED (HB LED) drivers provide a cost-effective solution
for automotive interior/exterior lighting,architectural and
ambient lighting, LED bulbs such as MR16 and other
The KB1365 operate from a 5.5V to 40V input voltage
range and feature a 5V/10mA on-board regulator. A high-
side current-sense resistor adjusts the output current and a
dedicated PWM input (DIM) enables a wide range of pulsed
The KB1365 is well suited for applications requiring a
wide
input
voltage
range.
The
high-side
current-
sensing and an integrated current-setting circuitry minim-
ize the number of external components while deliv-
switching frequency, thus allowing for small component size.
1
KB1365
Kingbor Technology Co.,Ltd
TEL:(86)0755-26508846 FAX:(86)0755-26509052
APPLICATIONS
FEATURES
DESCRIPTION
SIMPLIFIED BLOCk DIAGRAM
REV: 1.0
DRV
GND
VCC
IN
Power LED Driver
CS
KB1365
6
3
5
4
• 5.5V to 40V Input Voltage Range
• 200mV Low Reference Voltage(5%)
LED illumination applications.
dimming.
ering an LED current with +/-5% accuracy. A hys-
teretic control algorithm ensures excellent input-supply
rejection and fast response during load transients and
PWM dimming. The KB1365 features a 20% inductor
current ripple. These devices operate up to 2MHz
CSN
1
DIM
2
COMPARATOR
REGULATOR
5V
GATE
DRIVER
UVLO
COMPARATOR
DIM
BUFFER
1.23V
IN-200mV
20mV
PWM Signal
1 F
*
*
*
2MHz High-Brightness LED Drivers with
High-Side Current Sense and 5000:1 Dimming
On Page 4
See Note2


Similar Part No. - KB1365

ManufacturerPart #DatasheetDescription
logo
France Joint
KB13X19X3.25 FRANCEJOINT-KB13X19X3.25 Datasheet
414Kb / 5P
STANDARD SHAFT SEALS
More results

Similar Description - KB1365

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX16819 MAXIM-MAX16819 Datasheet
216Kb / 10P
2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 0; 12/06
MAX16822A MAXIM-MAX16822A Datasheet
226Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 2; 5/09
MAX16822A MAXIM-MAX16822A_10 Datasheet
188Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 1/10
MAX16832A MAXIM-MAX16832A_10 Datasheet
238Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 3; 2/10
MAX16832CASA-T MAXIM-MAX16832CASA-T Datasheet
253Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 6; 7/12
MAX16819ATT MAXIM-MAX16819ATT Datasheet
220Kb / 10P
2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 1; 3/07
MAX16819 MAXIM-MAX16819_15 Datasheet
918Kb / 9P
2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
Rev 3; 2/15
MAX16832A MAXIM-MAX16832A_15 Datasheet
265Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 7; 2/15
MAX16822 MAXIM-MAX16822 Datasheet
222Kb / 10P
2MHz, High-Brightness LED Drivers with Integrated MOSFET and High-Side Current Sense
Rev 4; 2/15
MAX16819 MAXIM-MAX16819_V01 Datasheet
867Kb / 9P
2MHz High-Brightness LED Drivers with High-Side Current Sense and 5000:1 Dimming
2017
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com