Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST503 Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SST503
Description  Current Regulator Diodes-POV(min) 45 V
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SST503 Datasheet(HTML) 3 Page - Vishay Siliconix

  SST503 Datasheet HTML 1Page - Vishay Siliconix SST503 Datasheet HTML 2Page - Vishay Siliconix SST503 Datasheet HTML 3Page - Vishay Siliconix SST503 Datasheet HTML 4Page - Vishay Siliconix SST503 Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
SST502 Series
Vishay Siliconix
Document Number: 70711
S-04234—Rev. C, 02-Jul-01
www.vishay.com
3-3
TYPICAL CHARACTERISTICS (TA = 25_C UNLESS OTHERWISE NOTED)
–0.45
–0.40
–0.35
–0.30
–0.25
–0.20
–0.15
–0.10
–0.05
–0.00
012345
Output Current vs. Forward Voltage
Dynamic Impedance vs. Regulator Current
Limiting Voltage @ 0.8 IF vs. Regulator Current
Temperature Coefficient
Knee Impedance vs. Regulator Current
5
4
3
0
010
50
2
1
20
30
40
(V)
F
V
10
1
0.1
0.01
0.1
1
10
VF = 6 V
IF (mA)
100
10
1
0.1
0.1
1
10
VF = 25 V
IF (mA)
0.1
1
10
10
1
0.1
VF = 25 V
IF (mA)
Output Current vs. Forward Voltage
5
4
3
0
01
5
2
1
23
4
SST502
SST505
SST508
SST510
(V)
F
V
SST511
SST510
SST508
SST505
SST502
SST511
IF (mA)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com