Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M54HC03 Datasheet(PDF) 4 Page - STMicroelectronics

Part # M54HC03
Description  QUAD 2-INPUT OPEN DRAIN NAND GATE
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

M54HC03 Datasheet(HTML) 4 Page - STMicroelectronics

  M54HC03 Datasheet HTML 1Page - STMicroelectronics M54HC03 Datasheet HTML 2Page - STMicroelectronics M54HC03 Datasheet HTML 3Page - STMicroelectronics M54HC03 Datasheet HTML 4Page - STMicroelectronics M54HC03 Datasheet HTML 5Page - STMicroelectronics M54HC03 Datasheet HTML 6Page - STMicroelectronics M54HC03 Datasheet HTML 7Page - STMicroelectronics M54HC03 Datasheet HTML 8Page - STMicroelectronics M54HC03 Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
AC ELECTRICAL CHARACTERISTICS (CL =50 pF, Input tr =tf =6 ns)
Symbol
Parameter
Test Conditions
Value
Unit
VCC
(V)
TA =25
oC
54HC and 74HC
-40 to 85
oC
74HC
-55 to 125
oC
54HC
Min.
Typ.
Max.
Min.
Max.
Min.
Max.
tTLH
tTHL
Output Transition
Time
2.0
30
75
95
110
ns
4.5
8
151922
6.0
7
131619
tPLZ
Propagation
Delay Time
2.0
RL = 1 K
Ω
16
60
75
90
ns
4.5
9
121518
6.0
8
101315
tPZL
Propagation
Delay Time
2.0
RL =1 K
Ω
23
60
75
90
ns
4.5
7
121518
6.0
6
101315
CIN
Input Capacitance
5
10
10
10
pF
CPD (*)
Power Dissipation
Capacitance
7
pF
(*) CPD is defined as the value of the IC’s internal equivalent capacitance which is calculated from the operating current consumption without load.
(Refer to Test Circuit). Average operting current can be obtained by the following equation. ICC(opr) = CPD
•VCC •fIN +ICC/4 (per Gate)
W = Y1 Y2 ... Yn = A1B1 A2B2 ... AnBn = A1B1 + A2B2 +... + AnBn
ID =10: 20 mA
RD
=
VCC
− VD − VDS
ID
=
5
− 2 − 0.4
20
× 10−3
= 130 Ω (*)
(*) 260
Ω with ID =10mA
TYPICAL APPLICATIONS
Wired AND
LED Driver with Blanking
Typical values
VCC =5V
VD =2V
VDS = 0.4V
RD = 120
÷ 270Ω
M54/M74HC03
4/9



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com