Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF6030IDGKT.B Datasheet(PDF) 13 Page - Texas Instruments

Part # REF6030IDGKT.B
Description  REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6030IDGKT.B Datasheet(HTML) 13 Page - Texas Instruments

Back Button REF6030IDGKT.B Datasheet HTML 9Page - Texas Instruments REF6030IDGKT.B Datasheet HTML 10Page - Texas Instruments REF6030IDGKT.B Datasheet HTML 11Page - Texas Instruments REF6030IDGKT.B Datasheet HTML 12Page - Texas Instruments REF6030IDGKT.B Datasheet HTML 13Page - Texas Instruments REF6030IDGKT.B Datasheet HTML 14Page - Texas Instruments REF6030IDGKT.B Datasheet HTML 15Page - Texas Instruments REF6030IDGKT.B Datasheet HTML 16Page - Texas Instruments REF6030IDGKT.B Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 35 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, IL = 0mA, and VIN = 5V, using REF6025 (unless otherwise noted)
0
10
20
30
40
ADC Output Code
C052
AINP = AINN = VREF / 2 for ADS8881,
sampling rate = 100 kSPS
Figure 6-37. DC Input Histogram
0
10
20
30
40
ADC Output Code
C053
AINP = AINN = VREF / 2 for ADS8881,
sampling rate = 20 kSPS
Figure 6-38. DC Input Histogram
±4
±3
±2
±1
0
1
2
3
4
0
200
400
600
800
1000
Time (µs)
C042
Regular Voltage Reference Droop
REF60xx Droop
1LSB = 19.07µV, with ADS8881 at 1MSPS
Figure 6-39. Reference Droop Comparison
www.ti.com
REF60
SBOS708C – MAY 2016 – REVISED APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
13
Product Folder Links: REF60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com