Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF6033IDGKT Datasheet(PDF) 19 Page - Texas Instruments

Part # REF6033IDGKT
Description  REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6033IDGKT Datasheet(HTML) 19 Page - Texas Instruments

Back Button REF6033IDGKT Datasheet HTML 15Page - Texas Instruments REF6033IDGKT Datasheet HTML 16Page - Texas Instruments REF6033IDGKT Datasheet HTML 17Page - Texas Instruments REF6033IDGKT Datasheet HTML 18Page - Texas Instruments REF6033IDGKT Datasheet HTML 19Page - Texas Instruments REF6033IDGKT Datasheet HTML 20Page - Texas Instruments REF6033IDGKT Datasheet HTML 21Page - Texas Instruments REF6033IDGKT Datasheet HTML 22Page - Texas Instruments REF6033IDGKT Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 35 page
background image
8 Detailed Description
8.1 Overview
Most SAR ADCs, and a few delta-sigma ADCs, switch binary-weighted capacitors onto the REF pin during
the conversion process. The magnitude of the capacitance switched onto the REF pin during each conversion
depends on the input signal to the ADC. If a voltage reference is directly connected to the REF pin of these
ADCs, the reference voltage droops because of the dynamic input signal dependent load of the binary-weighted
capacitors. Because the reference voltage droop now has input signal dependance, significant degradation in
THD and linearity for the system occurs.
In order to support this dynamic load and preserve the ADC linearity, distortion and noise performance, the
output of the voltage reference must be buffered with a low-output impedance (high-bandwidth) buffer. The
REF60xx family of voltage references have an integrated low output impedance buffer that enables the user to
directly drive the REF pin of a SAR ADC, while preserving ADC linearity and distortion. In addition, the total
noise in the full bandwidth of the REF60xx is extremely low, thus preserving the noise performance of the ADC.
Voltage-Reference Impact on Total Harmonic Distortion (SLYY097) correlates the effect of reference settling to
ADC distortion, and how the REF60xx achieves lowest distortion with minimal components and lowest power
consumption.
The output voltage of the REF60xx does not droop below 1LSB (18-bit), even during the first conversion while
driving the REF pin of the ADS8881. This feature is useful in burst-mode, event-triggered, equivalent-time
sampling, and variable-sampling-rate data-acquisition systems. Section 8.2 shows a simplified schematic of the
REF60xx.
8.2 Functional Block Diagram
Bandgap
Voltage
Reference
RFILT
Buffer
+
VIN
OUT_S
OUT_F
FILT
VIN
GND_S
GND_F
SS
EN
www.ti.com
REF60
SBOS708C – MAY 2016 – REVISED APRIL 2026
Copyright © 2026 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: REF60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com