Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

REF6033IDGKT.B Datasheet(PDF) 8 Page - Texas Instruments

Part # REF6033IDGKT.B
Description  REF60xx High-Precision Voltage Reference With Integrated ADC Drive Buffer
PDF  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

REF6033IDGKT.B Datasheet(HTML) 8 Page - Texas Instruments

Back Button REF6033IDGKT.B Datasheet HTML 4Page - Texas Instruments REF6033IDGKT.B Datasheet HTML 5Page - Texas Instruments REF6033IDGKT.B Datasheet HTML 6Page - Texas Instruments REF6033IDGKT.B Datasheet HTML 7Page - Texas Instruments REF6033IDGKT.B Datasheet HTML 8Page - Texas Instruments REF6033IDGKT.B Datasheet HTML 9Page - Texas Instruments REF6033IDGKT.B Datasheet HTML 10Page - Texas Instruments REF6033IDGKT.B Datasheet HTML 11Page - Texas Instruments REF6033IDGKT.B Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
6.6 Typical Characteristics (continued)
at TA = 25°C, IL = 0mA, and VIN = 5V, using REF6025 (unless otherwise noted)
0
2
4
6
8
10
12
14
±50
±25
0
25
50
75
100
125
Temperature (ºC)
C006
VIN = VOUT + 600mV,
IL = 0mA to 4mA
Figure 6-7. Load Regulation Sourcing vs Temperature
0
2
4
6
8
10
12
14
±50
±25
0
25
50
75
100
125
Temperature (ºC)
C007
VIN = VOUT + 600mV,
IL = 0mA to 4mA
Figure 6-8. Load Regulation Sinking vs Temperature
0
2
4
6
8
±50
±25
0
25
50
75
100
125
Temperature (ºC)
C01
VOUT + 0.25V ≤ VIN ≤ 5.5V
Figure 6-9. Line Regulation vs Temperature
650
700
750
800
850
900
950
1000
±50
±25
0
25
50
75
100
125
Temperature (ƒC)
C019
Figure 6-10. Supply Current vs Temperature
750
770
790
810
830
850
870
2
3
4
5
6
Input Voltage (V)
C020
Figure 6-11. Supply Current vs Input Voltage
2 V/div
Time (100 ms/div)
C018
V
REF
EN
Figure 6-12. Turn-On Settling Time
REF60
SBOS708C – MAY 2016 – REVISED APRIL 2026
www.ti.com
8
Submit Document Feedback
Copyright © 2026 Texas Instruments Incorporated
Product Folder Links: REF60



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com